Electronic Components Datasheet Search
  English  ▼

X  

VSC838 Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC838
Description  3.2Gb/s 36x37 Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC838 Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC838 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC838
3.2Gb/s
36x37 Crosspoint Switch
Page 8
G52351-0, Rev 3.0
02/12/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
All characteristics are over the specified operating conditions.
Table 3: Power Supply Requirements
Table 4: Control Port Input Levels (LVTTL/CMOS)
Table 5: Signal Input Levels (high-speed signal path)
Table 6: Signal Output Levels (high-speed signal path)
, TERM_CTRL=ON, DRIVE_CTRL=HI
NOTES: (1) Mean peak-to-peak amplitude measurement of either true or complement of the differential signal.
(2) VCC = VCCP = 2.5V, VEE = 0V.
(3) Terminated in 50
Ω to V
CC. This termination is used for testing the part, but other terminations are allowed—see Table 9.
Parameter
Description
Min
Typ
Max
Units
Conditions
ICC
VCC supply current
2,286
3,428
mA
PT
Total chip power (with ITERM = 0 and
back-terminations ON, high drive)
69
W
MAX PT is with +5%
Supply, +85°C case
temperature and high
drive
Parameter
Description
Min
Typ
Max
Units
Conditions
VIH
Input HIGH voltage
1.7
VCC+1.0
V
VIL
Input LOW voltage
0
0.8
V
IIH
Input HIGH current
TBD
mA
IIL
Input LOW current
TBD
mA
VOH
Output HIGH voltage
VCC-0.2
VCC
V
DC Load < 500µA
VOL
Output LOW voltage
0
0.2
V
DC Load < 2mA
VOHPU
VOH with external pull-up
2.4
V
250
Ω to 3.3V(5%)
VOLPU
VOL with external pull-up
0.4
V
250
Ω to 3.3V(5%)
Parameter
Description
Min
Typ
Max
Units
Conditions
VIN
Input voltage amplitude
150
1100
mV
See Note 1
VICM
Input common-mode voltage
VCC-0.7
VCC-0.2
V
See Note 2
Parameter
Description
Min
Typ
Max
Units
Conditions
VOUT
Output differential voltage
400
600
mV
See Note 1, 3
VOCM
Output common-mode voltage
VCC-0.3
VCC-0.2
V
See Note 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com