Electronic Components Datasheet Search
  English  ▼

X  

VSC838 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC838
Description  3.2Gb/s 36x37 Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC838 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC838 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC838
3.2Gb/s
36x37 Crosspoint Switch
G52351-0, Rev 3.0
Page 3
02/12/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Functional Description
Input / Output Characteristics
All input data must be differential and should be nominally biased to +2.0V or AC-coupled. Other levels
are allowed as described under the Input Termination section. On-chip terminations are provided, with a nomi-
nal impedance of 100
Ω differential. All input termination resistors float with an internal bias provided for AC-
coupling.
For direct interconnection of multiple VSC838 devices, a CML termination mode is provided by tying the
ITC pin to VCC, which ties the center point of the 100Ω termination to VCC, causing the terminations to act as
loads for an open-drain or open-collector differential output.
Data outputs are provided through differential current switches with on-chip back-termination. The output
circuit is capable of driving external 50
Ω far-end termination (recommended). The output back-terminations are
electronically switchable to enable a power savings of 1W (max) by reducing the output driver current.
Programming Interface
Parallel Mode
In parallel mode (SERIAL=0), the binary word on INCHAN[5:0] is the numerical identifier of the input
that will be routed to the specified output. OUTCHAN[5:0] is the numerical identifier of the output being pro-
grammed. A rising edge on the LOAD signal will transfer the programming data to the shadow register in the
program memory. Raising CONFIG (asynchronously) will transfer the programming data to the main latches in
the program memory and cause the internal select signals in the core to re-configure the multiplexer. Lowering
CONFIG will latch the main latches. CONFIG may be tied HIGH to enable programming to take effect instan-
taneously.
This interface may be used with multiplexed address/data buses by using only INCHAN[5:0] without
OUTCHAN[5:0] and dropping ALE when the address of the output to be programmed is present on
INCHAN[5:0]. After the address is latched, the input address may be presented on INCHAN[5:0] and pro-
gramming proceeds as above.
No read-back capability is provided in parallel mode. Read-back for diagnostic purposes is provided in
serial mode via the scan function.
Serial Mode
In serial mode (SERIAL=1), the INCHAN[0] pin becomes the serial data input SDIN and the INCHAN[1]
pin becomes the serial clock SCLK (rising edge triggered). A serial word of the form [Output][Input] is shifted
into the internal shift register, and the LOAD pin is asserted (HIGH) coincident with the last bit of the data word
to signal that the word is to be applied. This transfers the input identifier to the shadow register of the addressed
output. CONFIG is then applied (asynchronously) to transfer one or more program commands to the main
latches of the program memories.
The SDOUT pin follows the data on the INCHAN[0](SDIN) pin 14 clock cycles later. This enables the user
to chain the serial ports of several crosspoints, shift program data for all switches through such a chain, and
assert LOAD on all switches simultaneously to program all of the connections simultaneously.
The output field is 7 bits long, representing the binary numerical identifier of the output to be programmed.
The input field is 7 bits long, representing the numerical identifier of the input that will be routed to the speci-
fied output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com