Electronic Components Datasheet Search
  English  ▼

X  

VSC838 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC838
Description  3.2Gb/s 36x37 Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC838 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC838 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC838 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC838
3.2Gb/s
36x37 Crosspoint Switch
G52351-0, Rev 3.0
Page 1
02/12/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC838 is a monolithic 36x36 asynchronous crosspoint switch, designed to carry broadband data
streams. The VSC838 also has an internal 37th output channel which is used in conjunction with the Activity
Monitor to allow in system diagnostics.
A high degree of signal integrity is maintained throughout the chip via fully differential signal paths.
The crosspoint function is based on a multiplexer array architecture. Each data output is driven by a 36:1
multiplexer that can be programmed to one and only one of its 36 inputs. The signal path is unregistered and
fully asynchronous, so there are not any restrictions on the phase, frequency, or signal pattern at each input.
Each high-speed output is a fully differential, switched current driver with switchable on-die terminations
for maximum signal integrity. Data inputs are terminated on-die through 100
Ω impedance between true and
complement inputs (see Input Termination section for further details).
A dual mode programming interface is provided that allows programming commands to be sent as serial
data or parallel data. Core programming can be random for each port address, or multiple program assignments
can be queued and issued simultaneously. The programming may be initialized to a “straight-through” configu-
ration (A0 to Y0, A1 to Y1, etc.) using the INIT pin.
Unused channels may be powered down to allow efficient use of the switch in applications that require only
a subset of the channels. Power-down can be accomplished in hardware, via dedicated power pins for pairs of
input and output channels, or in software by programming individual unused outputs with a disable code.
VSC838 Block Diagram
• 36 Input by 37 Output Crosspoint Switch
• 3.2Gb/s NRZ Data Bandwidth
• Non-Blocking Architecture Broadcast and Multicast
Capabilities
• LVTTL/2.5V CMOS Control I/O (3.3V tolerant)
• Input Signal Activity Monitoring Function
• Integrated Signal Equalization (ISE) for Deterministic
Jitter Reduction
• 66MHz Dual Programming Port
• Parallel and Serial programming modes
• Programmable On-Chip I/O Termination
• Differential CML Output Drivers
• Single 2.5V Supply
• 6W Typical—Low Drive Mode
7W Typical—High Drive Mode
• High Performance 37.5mm, 480 TBGA Package
2
2
2
2
A0
A35
Y0
Y35
µP
control


Similar Part No. - VSC838

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC834UB VITESSE-VSC834UB Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
More results

Similar Description - VSC838

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC837UG VITESSE-VSC837UG Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
Crosspoint Switch
REV. A
logo
Semtech Corporation
GX3290 SEMTECH-GX3290 Datasheet
1Mb / 47P
290 x 290 3.5Gb/s Crosspoint Switch
GX4002 SEMTECH-GX4002 Datasheet
3Mb / 74P
GX4002 2x2 14.025Gb/s Crosspoint Switch
logo
ON Semiconductor
NB4N840M ONSEMI-NB4N840M_14 Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch
August, 2014 ??Rev. 5
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com