Electronic Components Datasheet Search
  English  ▼

X  

AD9734 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9734
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9734 Datasheet HTML 6Page - Analog Devices AD9734 Datasheet HTML 7Page - Analog Devices AD9734 Datasheet HTML 8Page - Analog Devices AD9734 Datasheet HTML 9Page - Analog Devices AD9734 Datasheet HTML 10Page - Analog Devices AD9734 Datasheet HTML 11Page - Analog Devices AD9734 Datasheet HTML 12Page - Analog Devices AD9734 Datasheet HTML 13Page - Analog Devices AD9734 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 10 of 42
TYPICAL PERFORMANCE CHARACTERISTICS
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
2048
4096
6144
8192
10240
12288
14336
16384
Code
Figure 8. AD9736, Typical INL
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0
2048
4096
6144
8192
10240
12288
14336
16384
Code
Figure 9. AD9736, Typical DNL
3rd Order IMD With Respect to Fout (20mA FS)
50
55
60
65
70
75
80
85
90
0
50
100 150 200 250 300 350 400 450 500 550 600
Fout - [MHz]
800MSPS
1GSPS
1.2GSPS
Figure 10. AD9736, 3rd Order IMD vs. Fout and Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com