Electronic Components Datasheet Search
  English  ▼

X  

AD9734 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9734
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9734 Datasheet HTML 26Page - Analog Devices AD9734 Datasheet HTML 27Page - Analog Devices AD9734 Datasheet HTML 28Page - Analog Devices AD9734 Datasheet HTML 29Page - Analog Devices AD9734 Datasheet HTML 30Page - Analog Devices AD9734 Datasheet HTML 31Page - Analog Devices AD9734 Datasheet HTML 32Page - Analog Devices AD9734 Datasheet HTML 33Page - Analog Devices AD9734 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AD9736/AD9735/AD9734
Preliminary Technical Data
Rev. PrJ | Page 30 of 42
APPLICATIONS INFORMATION
FPGA/ASIC DAC DRIVER REQUIREMENTS
To achieve data synchronization using the high speed capability of
the AD9736, ADI recommends the configuration in Figure 35 for
the FPGA/ASIC driving the digital inputs. Using the Double Data
Rate DATACLK_OUT, this configuration will generate the LVDS
DATACLK_IN to drive the AD9736 at the DDR rate. The circuit
also synchronizes the DATACLK_IN and the digital input data
(DB<13:0>) as required by the AD9736. The synchronization
engine in the AD9736 then uses DATACLK_IN to generate the
internal CLOCK SAMPLING SIGNAL to capture the incoming
data via the Manual, Surveillance or Auto mode.
To operate in 2x mode, the circuit in Figure 35 must be modified to
include a divide-by-two block in the DATACLK_OUT path.
Without this additional divider the DATA and DATACLK_IN will
be running 2x too fast. DATACLK_OUT is always DACCLK/2.
Figure 35. Recommended FPGA/ASIC Configuration for Driving AD9736
Digital Inputs, 1x Mode
Figure 36. FPGA/ASIC Timing for Driving AD9736 Digital Inputs, 1x Mode
TIMING ERROR BUDGET
The following components make up the timing error budget for the
AD9736:
1.
AD9736 DATACLK_OUT jitter
2.
AD9736 DATACLK_IN jitter
3.
DB13:0 jitter
4.
DB13:0 skew from data source
5.
DB13:0 receiver skew margin (board + AD9736 internal
delays)
6.
DB13:0 to DATACLK_IN skew from data source
A
C
E
B
D
A
C
B
D
A
B
C
DATACLK_OUT+
DATA1
DATA2
D1
D2
DB
DATACLK_IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com