Electronic Components Datasheet Search
  English  ▼

X  

AD9734 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9734
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9734 Datasheet HTML 23Page - Analog Devices AD9734 Datasheet HTML 24Page - Analog Devices AD9734 Datasheet HTML 25Page - Analog Devices AD9734 Datasheet HTML 26Page - Analog Devices AD9734 Datasheet HTML 27Page - Analog Devices AD9734 Datasheet HTML 28Page - Analog Devices AD9734 Datasheet HTML 29Page - Analog Devices AD9734 Datasheet HTML 30Page - Analog Devices AD9734 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 27 of 42
AD9736 DIGITAL BUILT-IN SELF TEST
BIST may be used to validate data transfer to the AD9736 in
addition to final ATE device verification. There are 4 BIST
signatures that can be read back using Registers 18-21 based on the
setting of the BIST selection bits (REG17, bits 7:6) as shown in
Table 12.
SEL<1>
SEL<0>
1 - LVDS Phase 1
0
0
2 - LVDS Phase 2
0
1
3 - SYNC Phase 1
1
0
4 - SYNC Phase 2
1
1
Table 12. BIST Selection Bits
The BIST signature returned from the AD9736 will depend on the
input DATA during the test. Since the filters in the DAC have
memory, it is important to put the correct idle value on the DATA
inputs to flush the memory prior to reading the BIST signature.
Placing the idle value on the data inputs also allows the BIST to be
setup while the DAC clock is running. The idle value should be all
zeroes in unsigned mode (0x0000) and all zeroes except for the
MSB in two’s complement mode (0x2000).
The BIST consists of two stages; the first stage is after the LVDS
receiver and the second stage is after the FIFO stage. The first BIST
stage verifies correct sampling of the data from the LVDS bus while
the second BIST stage verifies correct synchronization between the
DAC_CLK domain and the DATA_CLK domain. The BIST vector
is generated using 32 bit LFSR signature logic. Since the internal
architecture is a two bus parallel system there are two 32-bit LFSR
signature logic blocks on the both the LVDS and SYNC blocks.
Figure 30 shows where the LVDS and SYNC phases are located.
Figure 30. Block Diagram Showing LVDS and SYNC Phase 1 and Phase 2
BIST OPERATION
The internal signature generator processes the input data to create
the BIST signatures. An external program which implements the
same algorithm may be used to generate the expected signature for
comparison. A Matlab routine can be provided upon request to
perform this function.
Clock the test vector in as described below and compare the
signature register values to the expected value to verify correct
operation and input data capture.
With all clocks running:
1.
Apply the idle vector to the data inputs (0x0000 if
unsigned, 0x2000 if two's complement) for 1024 clocks,
2.
Set LVDS_EN (REG17, bit 2) and SYNC_EN (REG17, bit
1) high,
3.
Set CLEAR (REG17, bit 0) high,
4.
Set CLEAR low to clear the BIST signature register,
5.
Clock the BIST vector into the LVDS data inputs,
6.
After the BIST vector is complete, return the inputs to the
idle vector value,
7.
Set LVDS_EN (REG17, bit 2) and SYNC_EN (REG17, bit
1) low,
8.
Set the desired SEL<1:0> bits and read back the four
BIST signature registers (REG18, 19, 20 and 21).
When the DAC is in 1x mode, the signature at SYNC BIST, Phase 1
should equal the signature at LVDS BIST, Phase 1. The same is
true for Phase 2. BIST does not support 2x mode.
LVDS
RX
Figure 24
DB<13:0>
DATACLK_IN
LVDS
BIST
PH1
LVDS
BIST
PH2
SYNC
BIST
PH1
SYNC
BIST
PH2
SYNC Logic
DAC
SPI Port
D1
D2
FIFO
2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com