Electronic Components Datasheet Search
  English  ▼

X  

AD9734 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9734
Description  14/12/10-Bit, 1200 MSPS D/A Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9734 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9734 Datasheet HTML 7Page - Analog Devices AD9734 Datasheet HTML 8Page - Analog Devices AD9734 Datasheet HTML 9Page - Analog Devices AD9734 Datasheet HTML 10Page - Analog Devices AD9734 Datasheet HTML 11Page - Analog Devices AD9734 Datasheet HTML 12Page - Analog Devices AD9734 Datasheet HTML 13Page - Analog Devices AD9734 Datasheet HTML 14Page - Analog Devices AD9734 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Preliminary Technical Data
AD9736/AD9735/AD9734
Rev. PrJ | Page 11 of 42
NSD Comparison With 1-Tone and 8-Tones at 1.2GSPS
-170
-168
-166
-164
-162
-160
-158
-156
-154
-152
-150
0
100
200
300
400
500
600
700
Fout - Mhz
1 Tone
8 Tones
Figure 11. AD9736, Noise Spectral Density (NSD) vs. Fout at 1.2GSPS
In- Band SFDR With Respect to Fout (20mA FS)
50
55
60
65
70
75
80
85
90
0
50
100 150 200 250 300 350 400 450 500 550 600
Fout - [MHz]
800MSPS
1GSPS
1.2GSPS
Figure 12. AD9736, In Band SFDR vs. Fout and Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com