Electronic Components Datasheet Search
  English  ▼

X  

FSA4476 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA4476 Datasheet HTML 3Page - ON Semiconductor FSA4476 Datasheet HTML 4Page - ON Semiconductor FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor FSA4476 Datasheet HTML 10Page - ON Semiconductor FSA4476 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
6
DC Characteristics
VBAT = 2.7 V to 5.5 V or VBUS= 4.0V to 20V, VBAT (Typ.) = 4.3 V or VBUS (Typ.) = 5V, TA = -40°C to 85°C, and TA (Typ.) =
25°C, unless otherwise specified.
(1)
Symbol
Parameter
Condition
Power
TA=-40°C to +85°C
Unit
Min. Typ. Max.
ICC
VBAT Supply current
VBAT=4.3V
25
µA
ICCZ
Quiescent current
VBAT=4.3V
5
µA
USB/Audio Common Pins
IOZ
Off leakage current of Port DP/R
and DN/L
DN/L,DP/ R=-3V to 4.0V
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
3.0
µA
IOFF
Power-Off leakage current of Port
DP/R and DN/L
DN/L,DP/R=0V to 4.0V
Power off
-3.0
3.0
µA
VOV_TRIP
Input OVP Lockout
Rising edge
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
4.2
4.5
4.8
V
VOV_HYS
Input OVP Hysteresis
0.3
V
Audio Switch
ION
On leakage current of Audio
switch
DN/L,DP/R=-3V to 3.0V,
DP,DN,R,L = Float
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-2.0
0.1
2.0
µA
IOFF
Power-Off Leakage Current on L
and R
L, R,= 0V to 3 V
Power off
-1.0
1.0
µA
RON
Switch On Resistance
ISW = 100 mA, VSW = -3 V
to 3 V
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
0.6
Ω
RSHUNT
Pull down resistor on R/L Pin
when Audio switch is off
L=R= 3 V
6
10
14
kΩ
USB Switch
ION
On leakage current of USB
switch
DN/L,DP/R=0V to 4.0V,
DP,DN,R,L = Float
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
1.0
3.0
µA
IOZ
Off leakage current of Port DP
and DN
DN,DP =0V to 4.0V
-3.0
3.0
µA
IOFF
Power-Off Leakage Current on
DP and DN
DN,DP =0V to 4.0V
Power off
-3.0
3.0
µA
RON_USB
USB Switch On Resistance
ISW = 8 mA, VSW = 0.4V
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
3
Ω
CC Switch
ION
On leakage Current of CC switch
Vsw from 0V to 3.6V,
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
3.0
µA
RON
CC Path On Resistance
IOUT=200mA, VSW =5V
300
mΩ
VOV_TRIP
Input OVP Lockout
Rising edge
5.6
5.8
6.1
V
VOV_HYS
Input OVP Hysteresis
0.3
V
Rd
Dead Battery pull down
resistance
350uA on CCx pin
VBAT<2.4V and
VBUS < 3.5V
4.08
5.1
6.12
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com