Electronic Components Datasheet Search
  English  ▼

X  

FSA4476 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA4476 Datasheet HTML 4Page - ON Semiconductor FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor FSA4476 Datasheet HTML 10Page - ON Semiconductor FSA4476 Datasheet HTML 11Page - ON Semiconductor FSA4476 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
7
Symbol
Parameter
Condition
Power
TA=-40°C to +85°C
Unit
Min. Typ. Max.
VTHR_H
CCx_H High Threshold under
headset detection
EN1=H
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
1.5
V
VTHR_L
CCx_H LowThreshold under
headset detection
EN1=H
1.2
V
SBU Common pins
IOZ
Off leakage current of Port SBUx
SBUx= 0V to 4V
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
3.0
µA
IOFF
Power-Off leakage current of Port
SBUx
SBUx= 0V to 4V
Power off
-3.0
3.0
µA
VOV_TRIP
Input OVP Lockout
Rising edge
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
4.2
4.5
4.8
V
VOV_HYS
Input OVP Hysteresis
0.3
V
MIC Switch
ION
On leakage current of MIC switch
SBUx= 0V to 3.6V, MIC is
floating
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
3.0
µA
IOZ
Off leakage current on MIC
MIC=0V to 3.6V
-1.0
1.0
µA
IOFF
Power Off leakage current on
MIC
MIC=0V to 3.6V
Power off
-1.0
1.0
µA
RON
MIC switch On Resistance
MIC=0V to 3.6V,
Isw=30mA
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
2
Ω
GND_M Switch
IOZ
Off leakage on GND_M
GND_M=0V to 3.6V
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-2.0
2.0
µA
IOFF
Power Off leakage current on
GND_M
GND_M =0V to 3.6V
Power off
-1.0
1.0
µA
RON
GND_M Switch On Resistance
Isw=30mA
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
0.5
Ω
SBU Bypass Switch
ION
On leakage current of SBU
bypass switch
SBUx= 0V to 4V, SBUx_H
is floating
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
-3.0
3.0
µA
IOZ
Off leakage current on SBUx_H
SBUx_H = 0V to 4V
-1.0
1.0
µA
RON
SBU bypass Switch On
Resistance
SBUx =0V to 3.6V,
Isw=50mA
3
Ω
Internal GND Switch
RON
Internal GND switch On
Resistance
Isw=200mA
VBAT: 2.7V to 5.5V
or VBUS: 4V to 20V
75
110
[2]
mΩ
Notes:
1.
Limits over the recommended temperature operating range (TA = -40°C to +85°C) are correlated by statistical quality.
2.
Guaranteed by characterization, not production tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com