Electronic Components Datasheet Search
  English  ▼

X  

FSA4476 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA4476 Datasheet HTML 5Page - ON Semiconductor FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor FSA4476 Datasheet HTML 10Page - ON Semiconductor FSA4476 Datasheet HTML 11Page - ON Semiconductor FSA4476 Datasheet HTML 12Page - ON Semiconductor FSA4476 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
8
AC Characteristics
VBAT = 2.7 V to 5.5 V or VBUS= 4.0V to 20V, VBAT (Typ.) = 4.3 V or VBUS (Typ.) = 5V,TA = -40°C to 85°C. TA (Typ.) = 25°C,
unless otherwise specified.
Symbol
Parameter
Condition
Power
TA=-40°C to +85°C
Unit
Min. Typ. Max.
Audio Switch
tON
Turn On Time
(3)
DP/R = DN/L = 1.5 V,
RL =50Ω
VBAT: 4.3V
or VBUS: 5V
55
µs
tOFF
Turn OFF Time
(3)
DP/R = DN/L = 1.5 V,
RL =50Ω
2
µs
XTALK
Cross Talk (Adjacent)
(3)
f = 1 kHz, RL = 50 Ω, VSW
= 1 VRMS
-110
dB
BW
-3 dB Bandwidth
(3)
RL = 50 Ω
950
MHz
OIRR
Off Isolation
(3)
f= 1 kHz, RL = 50
Ω, CL =
0 pF, VSW =1 VRMS
-100
dB
THD+N
Total Harmonic Distortion +
Noise performance with A-
weighting filter
(3)
RL=600 Ω,
f = 20Hz~20 kHz,
VSW = 2 VRMS
-110
dB
RL=32 Ω,
f = 20Hz~20 kHz,
VSW = 1 VRMS
-110
dB
RL = 16 Ω,
f = 20Hz~20 kHz,
VSW = 0.5 VRMS
-108
dB
USB Switch
tON
Turn-on time
(3)
DP/R = DN/L = 1.5 V,
RL =50Ω
VBAT: 4.3V
or VBUS: 5V
40
µs
tOFF
Turn-off time
(3)
DP/R = DN/L = 1.5 V,
RL =50Ω
1
µs
BW
-3dB Bandwidth
(3)
RL=50Ω
1
GHz
OIRR
Off Isolation
(3) between DP, DN
and common node pins
f= 1 kHz, RL = 50
Ω, CL =
0 pF, VSW =1 VRMS
-100
dB
tOVP
DP/R and DN/L pins OVP
Response Time
(3)
RL= 50 Ω,Vsw= 3.5V to
5.5 V
0.5
1.5
µs
CC Switch
tON
Turn-On Time
(3)
VICCx= 5V, RL = 5k Ω
VBAT: 4.3V
or VBUS: 5V
0.5
ms
tOFF
Turn-Off Time
(3)
VICCx= 5V, RL = 5k Ω
3
µs
BW
PD Traffic Bandwidth
(3)
RL=50Ω
25
MHz
tOVP
CCx pins OVP Response Time
(3)
RL= 25 Ω,
CL=200pF,VSW :4V to 7V
0.6
1
µs
SBUx Bypass Switch
tOVP
SBUx pins OVP Response
Time
(3)
RL= 50 Ω,Vsw= 3.5V to
5.5 V
VBAT: 4.3V
or VBUS: 5V
0.6
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com