Electronic Components Datasheet Search
  English  ▼

X  

FN4496 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FN4496
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN4496 Datasheet(HTML) 5 Page - Intersil Corporation

  FN4496 Datasheet HTML 1Page - Intersil Corporation FN4496 Datasheet HTML 2Page - Intersil Corporation FN4496 Datasheet HTML 3Page - Intersil Corporation FN4496 Datasheet HTML 4Page - Intersil Corporation FN4496 Datasheet HTML 5Page - Intersil Corporation FN4496 Datasheet HTML 6Page - Intersil Corporation FN4496 Datasheet HTML 7Page - Intersil Corporation FN4496 Datasheet HTML 8Page - Intersil Corporation FN4496 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
214
Functional Pin Descriptions
VSEN1 (Pin 22)
This pin is connected to the PWM converter’s output voltage.
The PGOOD and OVP comparator circuits use this signal to
report output voltage status and for over-voltage protection.
OCSET1 (Pin 23)
Connect a resistor (ROCSET) from this pin to the drain of the
respective upper MOSFET. ROCSET, an internal 200µA
current source (IOCSET), and the upper MOSFET on-
resistance (rDS(ON)) set the converter over-current (OC) trip
point according to the following equation:
An over-current trip cycles the soft-start function. Sustaining
an over-current for 2 soft-start intervals shuts down the IC.
Additionally, OCSET1 is an output for the inverted FAULT
signal (FAULT). If a fault condition causes FAULT to go high,
OCSET1 will be simultaneously pulled to ground though an
internal MOS device (typical rDS(ON) = 100Ω).
Slew Rate
SR
COMP = 10pF
-
6
-
V/
µs
PWM CONTROLLER GATE DRIVER
Upper Drive Source
IUGATE
VCC = 12V, VUGATE1 = 6V
-
1
-
A
Upper Drive Sink
RUGATE
VUGATE1-PHASE1 = 1V
-
1.7
3.5
Ω
Lower Drive Source
ILGATE
VCC = 12V, VLGATE1 = 1V
-
1
-
A
Lower Drive Sink
RLGATE
VLGATE1 = 1V
-
1.4
3.0
Ω
PROTECTION
VOUT1 Over-Voltage Trip
VSEN1 Rising
112
115
118
%
FAULT Sourcing Current
IOVP
VFAULT/RT = 10V
10
14
-
mA
OCSET1 Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS
-11
-
µA
Chip Shutdown Soft-Start Threshold
--
1.0
V
POWER GOOD
VOUT1 Upper Threshold
VSEN1 Rising
108
-
110
%
VOUT1 Under-Voltage (Lower Threshold)
VSEN1 Rising
92
-
94
%
VOUT1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.5
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 4. RT RESISTANCE vs FREQUENCY
FIGURE 5. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900 1000
0
20
40
60
80
100
SWITCHING FREQUENCY (kHz)
CUGATE1 = CLGATE1 = CGATE
CGATE = 4800pF
CGATE = 3600pF
CGATE = 1500pF
CGATE = 660pF
VVCC = 12V, VIN = 5V
I
PEAK
I
OCSETxROCSET
r
DS ON
()
-------------------------------------------------
=
HIP6017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com