Electronic Components Datasheet Search
  English  ▼

X  

FN4496 Datasheet(PDF) 10 Page - Intersil Corporation

Part # FN4496
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN4496 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button FN4496 Datasheet HTML 6Page - Intersil Corporation FN4496 Datasheet HTML 7Page - Intersil Corporation FN4496 Datasheet HTML 8Page - Intersil Corporation FN4496 Datasheet HTML 9Page - Intersil Corporation FN4496 Datasheet HTML 10Page - Intersil Corporation FN4496 Datasheet HTML 11Page - Intersil Corporation FN4496 Datasheet HTML 12Page - Intersil Corporation FN4496 Datasheet HTML 13Page - Intersil Corporation FN4496 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
219
layout and printed circuit design minimizes the voltage
spikes in the converter. Consider, as an example, the turnoff
transition of the upper PWM MOSFET. Prior to turnoff, the
upper MOSFET was carrying the full load current. During the
turnoff, current stops flowing in the upper MOSFET and is
picked up by the lower MOSFET (and/or parallel Schottky
diode). Any inductance in the switched current path
generates a large voltage spike during the switching interval.
Careful component selection, tight layout of the critical
components, and short, wide circuit traces minimize the
magnitude of voltage spikes. Contact Intersil for evaluation
board drawings of the component placement and printed
circuit board.
There are two sets of critical components in a DC-DC
converter using a HIP6017 controller. The power
components are the most critical because they switch large
amounts of energy. The critical small signal components
connect to sensitive nodes or supply critical bypassing
current.
The power components should be placed first. Locate the
input capacitors close to the power switches. Minimize the
length of the connections between the input capacitors and
the power switches. Locate the output inductor and output
capacitors between the MOSFETs and the load. Locate the
PWM controller close to the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the
control IC. Minimize any leakage current paths from SS
node because the internal current source is only 11
µA.
A multi-layer printed circuit board is recommended.
Figure 10 shows the connections of the critical components
in the converter. Note that capacitors CIN and COUT could
each represent numerous physical capacitors. Dedicate one
solid layer for a ground plane and make all critical
component ground connections with vias to this layer.
Dedicate another solid layer as a power plane and break this
plane into smaller islands of common voltage levels. The
power plane should support the input power and output
power nodes. Use copper filled polygons on the top and
bottom circuit layers for the phase nodes. Use the remaining
printed circuit layers for small signal wiring. The wiring traces
from the control IC to the MOSFET gate and source should
be sized to carry 1A currents. The traces for OUT2 need
only be sized for 0.2A. Locate COUT2 close to the HIP6017
IC.
PWM Controller Feedback Compensation
Both PWM controllers use voltage-mode control for output
regulation. This section highlights the design consideration
for a voltage-mode controller. Apply the methods and
considerations to both PWM controllers.
Figure 11 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage is
regulated to the reference voltage level. The reference
voltage level is the DAC output voltage for the PWM
controller. The error amplifier output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse-width
modulated wave with an amplitude of VIN at the PHASE node.
The PWM wave is smoothed by the output filter (LO and CO).
VOUT1
Q1
Q2
CSS
+12V
CVCC
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT1
COUT1
CR1
CIN
VOUT3
+5VIN
FIGURE 10. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
KEY
HIP6018
SS PGND
LGATE1
UGATE1
PHASE1
GATE3
VCC
GND
VIN2
+3.3VIN
Q3
COUT2
VOUT2
VOUT2
OCSET1
ROCSET1
COCSET1
FIGURE 11. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
∆V
OSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6017
ZIN
COMP
DRIVER
DETAILED FEEDBACK COMPENSATION
PHASE
VE/A
+
-
+
-
ZIN
HIP6017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com