Electronic Components Datasheet Search
  English  ▼

X  

FN4496 Datasheet(PDF) 12 Page - Intersil Corporation

Part # FN4496
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN4496 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button FN4496 Datasheet HTML 6Page - Intersil Corporation FN4496 Datasheet HTML 7Page - Intersil Corporation FN4496 Datasheet HTML 8Page - Intersil Corporation FN4496 Datasheet HTML 9Page - Intersil Corporation FN4496 Datasheet HTML 10Page - Intersil Corporation FN4496 Datasheet HTML 11Page - Intersil Corporation FN4496 Datasheet HTML 12Page - Intersil Corporation FN4496 Datasheet HTML 13Page - Intersil Corporation FN4496 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
221
the case size with lower ESR available in larger case sizes.
However, the equivalent series inductance of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select suitable
components. In most cases, multiple electrolytic capacitors
of small case size perform better than a single large case
capacitor. For a given transient load magnitude, the output
voltage transient response due to the output capacitor
characteristics can be approximated by the following
equation:
Linear Output Capacitors
The output capacitors for the linear regulator and the linear
controller provide dynamic load current. The linear controller
uses dominant pole compensation integrated in the error
amplifier and is insensitive to output capacitor selection.
Capacitor, COUT3 should be selected for transient load
regulation.
The output capacitor for the linear regulator provides loop
stability. The linear regulator (OUT2) requires an output
capacitor characteristic shown in Figure 13. The upper line
plots the 45 phase margin with 150mA load and the lower
line is the 45 phase margin limit with a 10mA load. Select a
COUT2 capacitor with characteristic between the two limits.
Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter’s response time to a
load transient. The inductor value determines the converter’s
ripple current and the ripple voltage is a function of the ripple
current. The ripple voltage and current are approximated by
the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6017 will provide either 0% or 100% duty cycle in
response to a load transient. The response time is the time
interval required to slew the inductor current from an initial
current value to the post-transient current level. During this
interval the difference between the inductor current and the
transient current level must be supplied by the output
capacitors. Minimizing the response time can minimize the
output capacitance required.
The response time to a transient is different for the
application of load and the removal of load. The following
equations give the approximate response time interval for
application and removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. With a +5V input
source, the worst case response time can be either at the
application or removal of load, and dependent upon the
output voltage setting. Be sure to check both of these
equations at the minimum and maximum output levels for
the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance
for the high frequency decoupling and bulk capacitors to
supply the RMS current. Small ceramic capacitors should be
placed very close to the upper MOSFET to suppress the
voltage induced in the parasitic circuit impedances.
For a through hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo
MV-GX or equivalent) may be needed. For surface mount
designs, solid tantalum capacitors can be used, but caution
V
TRAN
ESL
dI
TRAN
dt
---------------------
×
ESR
I
TR AN
×
+
=
10
1000
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
CAPACITANCE (
µF)
FIGURE 13. COUT2 OUTPUT CAPACITOR
ST
AB
LE
OP
ER
AT
IO
N
∆I
V
IN
V
OUT
–
F
S
L
O
×
--------------------------------
V
OUT
V
IN
----------------
×
=
∆V
OU T
∆IESR
×
=
t
RISE
L
O
I
TRAN
×
V
IN
V
OUT
–
--------------------------------
=
t
FALL
L
O
I
TRAN
×
V
OUT
-------------------------------
=
HIP6017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com