Electronic Components Datasheet Search
  English  ▼

X  

CWR16 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CWR16
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16 Datasheet(HTML) 1 Page - Vishay Siliconix

  CWR16 Datasheet HTML 1Page - Vishay Siliconix CWR16 Datasheet HTML 2Page - Vishay Siliconix CWR16 Datasheet HTML 3Page - Vishay Siliconix CWR16 Datasheet HTML 4Page - Vishay Siliconix CWR16 Datasheet HTML 5Page - Vishay Siliconix CWR16 Datasheet HTML 6Page - Vishay Siliconix CWR16 Datasheet HTML 7Page - Vishay Siliconix CWR16 Datasheet HTML 8Page - Vishay Siliconix CWR16 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 26-Jan-16
1
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT™ Conformal Coated, Extended Range,
Military, MIL-PRF-55365/13 Qualified
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40211
Operating Temperature: -55 °C to +125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 0.33 μF to 330 μF
Capacitance Tolerance: ± 5 %, ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 35 VDC
FEATURES
• Weibull failure rates B, C, T
• Tape and reel available per EIA 481
• Termination finishes available: gold plate,
solder plated, solder fused, and hot solder
dipped
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
Notes
(1) T level requires surge current option “C”. Capacitors are recommended for “space applications”. Shipped in tape and reel / or waffle
packaging only.
(2) Individual reels may include capacitors of two date codes that will be separated by an empty pocket.
Reel labels will show both date codes. The date code on the top (DC1) is the inner tape layers or first capacitors reeled.
Note
• When solder coated terminations are required, add 0.015" [0.38 mm] to termination dimension tolerance.
Available
Available
ORDERING INFORMATION
CWR16
D
B
335
K
B
A
A
/TR
TYPE
VOLTAGE
TERMINATION
FINISH
CAPACITANCE
CAPACITANCE
TOLERANCE
FAILURE RATE
%/1000 h
CASE
CODE
SURGE CURRENT
PACKAGING (2)
C = 4 V
D = 6 V
F = 10 V
H = 15 V
J = 20 V
K = 25 V
M = 35 V
B = gold
C = hot solder
dipped
H = solder
plated
K = solder
fused
This is expressed
in picofarads.
The first two
digits are the
significant
figures. The third
is the number of
zeros to follow.
J = ± 5 %
K = ± 10 %
M = ± 20 %
B = 0.1
C = 0.01
T = 0.01 (1)
A
B
C
D
E
F
G
H
A = 10 cycles at +25 °C
B = 10 cycles
at -55 °C and +85 °C
C = 10 cycles
at -55 °C and +85 °C
(before Weibull grading)
Z = no surge current
Blank = bulk,
plastic tray
/FA = waffle pack
/PR = 100 pcs
reel
/HR = half reel
/TR = full reel
DIMENSIONS in inches [millimeters]
CASE CODE
L
W
H
P
T1
T2 (max.)
A
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
B
0.150 ± 0.015
[3.81 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
C
0.200 ± 0.015
[5.08 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
D
0.150 ± 0.015
[3.81 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
E
0.200 ± 0.015
[5.08 ± 0.38]
0.100 ± 0.015
[2.54 ± 0.38]
0.050 ± 0.015
[1.27 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
F
0.220 ± 0.015
[5.59 ± 0.38]
0.135 ± 0.015
[3.43 ± 0.38]
0.070 ± 0.015
[1.78 ± 0.38]
0.030 ± 0.005
[0.76 ± 0.13]
0.005
[0.13]
0.015
[0.38]
G
0.265 ± 0.015
[6.73 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.050 ± 0.005
[1.27 ± 0.13]
0.005
[0.13]
0.015
[0.38]
H
0.285 ± 0.015
[7.24 ± 0.38]
0.150 ± 0.015
[3.81 ± 0.38]
0.110 ± 0.015
[2.79 ± 0.38]
0.050 ± 0.005
[1.27 ± 0.13]
0.005
[0.13]
0.015
[0.38]
W
L
T
1
P
H
P
T
2 (max.)
Weld and
dimple
projection
identifies
anode (+)
terminal
-+


Similar Part No. - CWR16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR16 VISHAY-CWR16 Datasheet
121Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
31-Aug-11
CWR16 VISHAY-CWR16 Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
CWR16CB335JBAA VISHAY-CWR16CB335JBAA Datasheet
121Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
31-Aug-11
CWR16CB335JCAA VISHAY-CWR16CB335JCAA Datasheet
121Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
31-Aug-11
CWR16CB335JTAA VISHAY-CWR16CB335JTAA Datasheet
121Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
31-Aug-11
More results

Similar Description - CWR16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
31-Jan-05
CWR16 VISHAY-CWR16 Datasheet
121Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT Conformal Coated, Extended Range
31-Aug-11
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
26-Jun-13
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
27-Feb-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
22-Jun-17
195D VISHAY-195D_17 Datasheet
337Kb / 25P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
21-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
26-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com