Electronic Components Datasheet Search
  English  ▼

X  

CWR16 Datasheet(PDF) 20 Page - Vishay Siliconix

Part # CWR16
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16 Datasheet(HTML) 20 Page - Vishay Siliconix

Back Button CWR16 Datasheet HTML 13Page - Vishay Siliconix CWR16 Datasheet HTML 14Page - Vishay Siliconix CWR16 Datasheet HTML 15Page - Vishay Siliconix CWR16 Datasheet HTML 16Page - Vishay Siliconix CWR16 Datasheet HTML 17Page - Vishay Siliconix CWR16 Datasheet HTML 18Page - Vishay Siliconix CWR16 Datasheet HTML 19Page - Vishay Siliconix CWR16 Datasheet HTML 20Page - Vishay Siliconix CWR16 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
3
Document Number: 40211
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Vibration
MIL-STD-202, method 204, condition D, 10 Hz to 2000 Hz,
20 g peak, in 2 directions, 4 hours in each, at rated voltage
Measurements during vibration: During the last cycle
of each plane, electrical measurements shall be made
to determine the intermittent open or short circuits.
Intermittent contact and arcing shall also be
determined.
Measurements after vibration: not applicable
Visual examination after test: there shall be no
evidence of mechanical damage
Thermal shock
(mounted)
MIL-STD-202, method 107
-65 °C / +125 °C, for 10 cycles, 30 min at each temperature
Capacitance change
Dissipation factor
Leakage current
Within ± 5 % of initial value
Initial specified limit
Initial specified limit
Visual examination: there shall be no evidence of
harmful corrosion, mechanical damage, or
obliteration of marking (if applicable)
Resistance
to soldering heat
MIL-STD-202, method 210, condition J (convection reflow,
235 °C ± 5 °C), one heat cycle
Capacitance change
Dissipation factor
Leakage current
Within ± 5 % of initial value
Initial specified limit
Initial specified limit
Visual examination: there shall be no evidence of
mechanical damage
Solderability
MIL-STD-202, method 208, ANSI/J-STD-002, test B
(dip- and look, 245 °C ± 5 °C).
Preconditioning per category C (steam aging, 8 hours).
Does not apply to gold terminations.
Solder coating of all capacitors shall meet specified
requirements.
There shall be no mechanical or visual damage to
capacitors post-conditioning.
Resistance to
solvents
MIL-STD-202, method 215
There shall be no mechanical or visual damage to
capacitors post-conditioning. Body marking shall
remain legible and shall not smear.
Flammability
Encapsulation materials meet UL 94 V-0 with an oxygen
index of 32 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com