Electronic Components Datasheet Search
  English  ▼

X  

CWR16 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR16
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16 Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR16 Datasheet HTML 1Page - Vishay Siliconix CWR16 Datasheet HTML 2Page - Vishay Siliconix CWR16 Datasheet HTML 3Page - Vishay Siliconix CWR16 Datasheet HTML 4Page - Vishay Siliconix CWR16 Datasheet HTML 5Page - Vishay Siliconix CWR16 Datasheet HTML 6Page - Vishay Siliconix CWR16 Datasheet HTML 7Page - Vishay Siliconix CWR16 Datasheet HTML 8Page - Vishay Siliconix CWR16 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 26-Jan-16
3
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6 VDC AT +85 °C; 4 VDC AT +125 °C
3.3
A
CWR16D(1)335(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
4.7
A
CWR16D(1)475(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
6.8
B
CWR16D(1)685(2)(3)B(4)(5)
1
10
12
6
8
8
8.0
10
B
CWR16D(1)106(2)(3)B(4)(5)
1
10
12
6
8
8
8.0
15
B
CWR16D(1)156(2)(3)B(4)(5)
1
10
12
8
10
10
8.0
15
D
CWR16D(1)156(2)(3)D(4)(5)
1
10
12
8
10
12
5.0
15
E
CWR16D(1)156(2)(3)E(4)(5)
1
10
12
8
10
12
3.0
22
D
CWR16D(1)226(2)(3)D(4)(5)
1
10
12
6
8
8
5.0
22
E
CWR16D(1)226(2)(3)E(4)(5)
2
20
24
8
10
12
3.5
33
E
CWR16D(1)336(2)(3)E(4)(5)
2
20
24
6
8
8
3.5
47
F
CWR16D(1)476(2)(3)F(4)(5)
3
30
36
8
10
12
3.5
68
F
CWR16D(1)686(2)(3)F(4)(5)
4
40
48
10
12
12
1.5
68
G
CWR16D(1)686(2)(3)G(4)(5)
4
40
48
10
12
12
1.0
100
G
CWR16D(1)107(2)(3)G(4)(5)
6
60
72
10
12
12
1.1
150
G
CWR16D(1)157(2)(3)G(4)(5)
10
100
120
10
12
12
1.1
220
H
CWR16D(1)227(2)(3)H(4)(5)
10
100
120
10
12
12
0.9
330
H
CWR16D(1)337(2)(3)H(4)(5)
20
200
240
10
12
12
0.9
10 VDC AT +85 ºC; 7 VDC AT +125 ºC
2.2
A
CWR16F(1)225(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
3.3
A
CWR16F(1)335(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
4.7
B
CWR16F(1)475(2)(3)B(4)(5)
1
10
12
6
8
8
8.0
4.7
C
CWR16F(1)475(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
6.8
B
CWR16F(1)685(2)(3)B(4)(5)
1
10
12
6
8
8
8.0
6.8
C
CWR16F(1)685(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
6.8
D
CWR16F(1)685(2)(3)D(4)(5)
1
10
12
6
8
8
5.0
10
B
CWR16F(1)106(2)(3)B(4)(5)
1
10
12
8
10
10
8.0
10
C
CWR16F(1)106(2)(3)C(4)(5)
1
10
12
6
8
8
5.5
10
D
CWR16F(1)106(2)(3)D(4)(5)
1
10
12
6
8
8
4.0
10
E
CWR16F(1)106(2)(3)E(4)(5)
1
10
12
6
8
8
3.5
15
D
CWR16F(1)156(2)(3)D(4)(5)
1
10
12
6
8
8
5.0
15
E
CWR16F(1)156(2)(3)E(4)(5)
2
20
24
8
10
10
3.0
22
E
CWR16F(1)226(2)(3)E(4)(5)
3
30
36
8
10
10
2.0
33
F
CWR16F(1)336(2)(3)F(4)(5)
3
30
36
8
10
10
1.5
47
F
CWR16F(1)476(2)(3)F(4)(5)
4
40
48
10
12
12
1.5
47
G
CWR16F(1)476(2)(3)G(4)(5)
4
40
48
10
12
12
1.0
68
G
CWR16F(1)686(2)(3)G(4)(5)
6
60
72
10
12
12
1.1
100
G
CWR16F(1)107(2)(3)G(4)(5)
10
100
120
10
12
12
1.1
100
H
CWR16F(1)107(2)(3)H(4)(5)
10
100
120
10
12
12
0.9
150
H
CWR16F(1)157(2)(3)H(4)(5)
15
150
180
10
12
12
0.9
220
H
CWR16F(1)227(2)(3)H(4)(5)
20
200
240
10
12
12
0.9
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT +25 °C
100 kHz
(
)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
Note
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, T
(4) Surge current: A, B, C, Z
(5) Packaging: blank, /FA, /HR, /PR, /TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com