Electronic Components Datasheet Search
  English  ▼

X  

CWR16 Datasheet(PDF) 19 Page - Vishay Siliconix

Part # CWR16
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16 Datasheet(HTML) 19 Page - Vishay Siliconix

Back Button CWR16 Datasheet HTML 13Page - Vishay Siliconix CWR16 Datasheet HTML 14Page - Vishay Siliconix CWR16 Datasheet HTML 15Page - Vishay Siliconix CWR16 Datasheet HTML 16Page - Vishay Siliconix CWR16 Datasheet HTML 17Page - Vishay Siliconix CWR16 Datasheet HTML 18Page - Vishay Siliconix CWR16 Datasheet HTML 19Page - Vishay Siliconix CWR16 Datasheet HTML 20Page - Vishay Siliconix CWR16 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Typical Performance Characteristics
www.vishay.com
Vishay Sprague
Revision: 21-Jun-17
2
Document Number: 40211
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
• At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
• At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
TYPICAL LEAKAGE CURRENT - TEMPERATURE FACTOR
ENVIRONMENTAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Moisture resistance
MIL-STD-202, method 106, 20 cycles
Capacitance change
Dissipation factor
Leakage current
Within ± 15 % of initial value
Shall not exceed 150 % of initial limit
Shall not exceed 200 % of initial limit
Visual examination: there shall be no evidence of harmful corrosion,
mechanical damage, or obliteration of marking (if applicable)
Stability at low and
high temperatures
MIL-PRF-55365
Delta cap limit at -55 °C is ± 10 % (20 % for CWR15) of initial value
Delta cap limit at 85 °C is ± 10 % (15 % for CWR15) of initial value
Delta cap limit at 125 °C is ± 15 % (20 % for CWR15) of initial value
Delta cap at step 3 and final step 25 °C is ± 5 % (10 % for CWR15) of
initial value
DCL at 85 °C: 10 x initial specified value
DCL at 125 °C: 12 x initial specified value
DCL at 25 °C: initial specified value at rated voltage
DF change: refer to performance specification sheet for applicable
capacitor style
Step
Test Temperature (°C)
1
+25 ± 3
2
-55 + 0 / - 6
3
+25 ± 3
4
+85 + 4 / - 0
5
+125 + 4 / - 0
6
+25 ± 3
Surge voltage
MIL-PRF-55365
1000 successive test cycles at 85 °C of
applicable surge voltage (as specified in the
table above), in series with a 33
Ω resistor at
the rate of 30 s ON, 30 s OFF
Capacitance change
Dissipation factor
Leakage current
Within ± 5 % of initial value
Initial specified limit
Initial specified limit
Life test at +85 °C
MIL-STD-202, method 108
2000 h application of rated voltage at 85 °C
Capacitance change
Dissipation factor
Leakage current
Within ± 5 % (10 % for CWR15) of initial value
Initial specified limit
Shall not exceed 200 % of initial limit
There shall be no evidence of harmful corrosion or obliteration of
marking (if applicable), mechanical damage, intermittent shorts, or
permanent shorts or opens
Life test at +125 °C
MIL-STD-202, method 108
2000 h application 2/3 of rated voltage at
125 °C
Capacitance change
Dissipation factor
Leakage current
Within ± 5 % (10 % for CWR15) of initial value
Initial specified limit
Shall not exceed 200 % of initial limit
There shall be no evidence of harmful corrosion or obliteration of
marking (if applicable), mechanical damage, intermittent shorts, or
permanent shorts or opens
Percent of Rated Voltage
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+125 °C
+85 °C
+55 °C
+25 °C
-55 °C
0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com