Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9868 Datasheet HTML 17Page - Analog Devices AD9868 Datasheet HTML 18Page - Analog Devices AD9868 Datasheet HTML 19Page - Analog Devices AD9868 Datasheet HTML 20Page - Analog Devices AD9868 Datasheet HTML 21Page - Analog Devices AD9868 Datasheet HTML 22Page - Analog Devices AD9868 Datasheet HTML 23Page - Analog Devices AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AD9868
Rev. 0 | Page 20 of 36
TxPGA CONTROL
The AD9868 also contains a digital PGA in the Tx path distri-
buted between the TxDAC and IAMP. The TxPGA is used to
control the peak current from the TxDAC and IAMP over a
7.5 dB and 19.5 dB span, respectively, with 0.5 dB resolution.
A 6-bit word is used to set the TxPGA attenuation according to
the mapping shown in Figure 17. The TxDAC gain mapping is
applicable only when Bit 0 of Register 0x0E is set, and only
when the 4 LSBs of the 6-bit gain word are relevant.
6-BIT DIGITAL CODE (Decimal Equivalent)
0
8
16
24
32
40
48
56
64
0
–20
–16
–18
–14
–12
–10
–8
–6
–2
–4
–1
–17
–19
–15
–13
–11
–9
–7
–3
–5
TxDACs IOUTP OUTPUT
HAS 7.5dB RANGE
IAMPs IOUTN OUTPUT
HAS 19.5dB RANGE
Figure 17. Digital Gain Mapping of TxPGA
The TxPGA register can be updated via the PGA[5:0] port or
SPI port. The first method should be considered for fast updates
of the TxPGA register. Its operation is similar to the description
in the R
xPGA Control section. The SPI port allows direct
update and readback of the TxPGA register via Register 0x0A
with an update rate limited to 1.6 MSPS (SCLK = 32 MHz).
Bit 6 of Register 0x0A must be set for a read or write operation.
Table 16 lists the SPI registers pertaining to the TxPGA. The
TxPGA control register default setting is for minimum attenua-
tion (0 dBFS) with the PGA[5:0] port disabled for Tx gain control.
Table 16. SPI Registers TxPGA Control
Address (Hex)
Bit
Description
0x0A
6
Enable TxPGA update via SPI.
5:0
TxPGA gain code.
0x0B
6
Select TxPGA via PGA[5:0].
5
Select RxPGA via PGA[5:0].
0x0E
0
TxDAC output (IAMP disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com