Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9868 Datasheet HTML 29Page - Analog Devices AD9868 Datasheet HTML 30Page - Analog Devices AD9868 Datasheet HTML 31Page - Analog Devices AD9868 Datasheet HTML 32Page - Analog Devices AD9868 Datasheet HTML 33Page - Analog Devices AD9868 Datasheet HTML 34Page - Analog Devices AD9868 Datasheet HTML 35Page - Analog Devices AD9868 Datasheet HTML 36Page - Analog Devices AD9868 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
AD9868
Rev. 0 | Page 33 of 36
The ADC is based on a pipeline architecture with each stage
consisting of a switched capacitor amplifier. Therefore, its
performance vs. bias level is mostly dependent on the sample
rate. Figure 38 shows how the typical current consumption seen
at AVDD varies as a function of Register 0x13, Bits [2:0] and
sample rate, while the remaining bits are maintained at the
default setting of 0. Setting Bit 4 or Register 0x07 corresponds
to the 011 setting, and the settings of 101 and 111 result in
higher current consumption. Figure 39 shows how the SNR and
THD performance are affected for a 10 MHz sine wave input
for the lower power settings as the ADC sample rate is swept
from 20 MHz to 80 MHz.
SAMPLE RATE (MSPS)
20
30
40
50
60
70
80
220
120
130
140
150
160
170
180
190
200
210
000
001
010
011
100
101
101 OR 111
Figure 38. AVDD Current vs. ADC Bias Setting and Sample Rate
SAMPLE RATE (MSPS)
20
80
60
70
30
40
50
61
51
–54
–74
–72
–70
–68
–66
–64
–62
–60
–58
–56
52
53
54
55
56
57
58
59
60
SNR-00
SNR-01
SNR-10
SNR-11
THD-00
THD-01
THD-10
THD-11
Figure 39. SNR and THD Performance vs. fADC and ADC Bias Setting with
RxPGA = 0 dB, fIN = 10 MHz, AIN = −1 dBFS
A sine wave input is a standard and convenient method of
analyzing the performance of a system. However, the amount of
power reduction that is possible is application dependent, based
on the nature of the input waveform (such as frequency content,
and peak-to-rms ratio), the minimum ADC sample, and the
minimum acceptable level of performance. Thus, it is advisable
that power-sensitive applications optimize the power bias setting
of the Rx path using an input waveform that is representative of
the application.
POWER DISSIPATION
The power dissipation of the AD9868 can become quite high
in full-duplex applications in which the Tx path and Rx path
are simultaneously operating with nominal power bias settings.
In fact, some applications that use the IAMP may need to
either reduce its peak power capabilities or reduce the power
consumption of the Rx path so that the device’s maximum
allowable power consumption, PMAX, is not exceeded.
PMAX is specified at 1.66 W to ensure that the die temperature
does not exceed 125°C at an ambient temperature of 85°C. This
specification is based on the 64-lead LFSCP having a thermal
resistance, θJA, of 24°C/W with its heat slug soldered. (The θJA is
30.8°C/W if the heat slug remains unsoldered.) If a particular
application’s maximum ambient temperature, TA, falls below
85°C, the maximum allowable power dissipation can be
determined by the following equation:
PMAX = 1.66 + (85 − TA)/24
(10)
Assuming the IAMP common-mode bias voltage is operating
off the same analog supply as the AD9868, the following equa-
tion can be used to calculate the maximum total current
consumption, IMAX, of the IC:
IMAX = (PMAX − PIAMP)/3.47
(11)
With an ambient temperature of up to 85°C, IMAX is 478 mA.
If the IAMP is operating off a different supply or in the voltage
mode configuration, first calculate the power dissipated in the
IAMP, PIAMP, using Equation 3, and then recalculate IMAX using
Equation 11.
Figure 33, Figure 34, Figure 36, and Figure 38 can be used to
calculate the current consumption of the Rx and Tx paths for a
given setting.
MODE SELECT UPON POWER-UP AND RESET
The AD9868 power-up state is determined by the logic levels
appearing at the MODE and CONFIG pins. The MODE pin is
used to select a half- or full-duplex interface by pin strapping it
low or high, respectively. The CONFIG pin is used in conjunc-
tion with the MODE pin to determine the default settings for
the SPI registers as outlined in Table 10.
The intent of these particular default settings is to allow some
applications to avoid using the SPI (disabled by pin strapping
SEN high), thereby reducing implementation costs. For
example, setting MODE low and CONFIG high configures the
AD9868 to be backward compatible with the AD9975, while
setting MODE high and CONFIG low makes it backward
compatible with the AD9875. Other applications must use the
SPI to configure the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com