Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9868 Datasheet HTML 24Page - Analog Devices AD9868 Datasheet HTML 25Page - Analog Devices AD9868 Datasheet HTML 26Page - Analog Devices AD9868 Datasheet HTML 27Page - Analog Devices AD9868 Datasheet HTML 28Page - Analog Devices AD9868 Datasheet HTML 29Page - Analog Devices AD9868 Datasheet HTML 30Page - Analog Devices AD9868 Datasheet HTML 31Page - Analog Devices AD9868 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AD9868
Rev. 0 | Page 27 of 36
Table 20 shows the SPI registers pertaining to the ADC.
Table 20. SPI Registers for Rx ADC
Address (Hex)
Bit
Description
0x04
4
ADC clock from PLL.
0x07
4
ADC low power mode.
0x13
2:0
ADC power bias adjust.
AGC TIMING CONSIDERATIONS
When implementing a digital AGC timing loop, it is important
to consider the Rx path latency and settling time of the Rx path
in response to a change in gain setting. While the RxPGA
settling time may also show a slight dependency on the LPF
cutoff frequency, the ADC pipeline delay, along with the ADIO
bus interface, presents a more significant delay. The amount of
delay or latency is dependent on whether a half-duplex or full-
duplex is selected. An impulse response at the RxPGA input can
be observed after 10.0 ADC clock cycles (1/fADC) in the case of a
half-duplex interface, and 10.5 ADC clock cycles in the case of a
full-duplex interface. This latency, along with the RxPGA settling
time, should be considered to ensure stability of the AGC loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com