Electronic Components Datasheet Search
  English  ▼

X  

AD9868 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9868
Description  Broadband Modem Mixed-Signal Front End
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9868 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9868 Datasheet HTML 27Page - Analog Devices AD9868 Datasheet HTML 28Page - Analog Devices AD9868 Datasheet HTML 29Page - Analog Devices AD9868 Datasheet HTML 30Page - Analog Devices AD9868 Datasheet HTML 31Page - Analog Devices AD9868 Datasheet HTML 32Page - Analog Devices AD9868 Datasheet HTML 33Page - Analog Devices AD9868 Datasheet HTML 34Page - Analog Devices AD9868 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AD9868
Rev. 0 | Page 30 of 36
POWER CONTROL AND DISSIPATION
POWER-DOWN
The AD9868 provides the ability to control the power-on state
of various functional blocks. The state of the PWRDWN pin,
along with the contents of Register 0x01 and Register 0x02,
allow two user-defined power settings that are pin-selectable.
The default settings1 are such that Register 0x01 has all blocks
powered on (all bits 0), while Register 0x02 has all blocks
powered down (excluding the PLL) such that the clock signal
remains available at CLKOUT1 and CLKOUT2. When the
PWRDWN pin is low, the functional blocks corresponding to
the bits in Register 0x01 are powered down. When the PWRDWN
is high, the functional blocks corresponding to the bits in
Register 0x02 are powered down. PWRDWN immediately affects
the designated functional blocks with minimum digital delay.
Table 23. SPI Registers Associated with Power-Down and
Half-Duplex Power Savings
Address (Hex)
Bit
Description
Comments
0x01
7
CLK Synthesizer
6
TxDAC/IAMP
5
Tx Digital
4
REF
3
ADC CML
2
ADC
1
PGA Bias
0
RxPGA
PWRDWN = 0.
Default setting is
all functional blocks
powered on.
0x02
7
CLK Synthesizer
6
TxDAC/IAMP
5
Tx Digital
4
REF
3
ADC CML
2
ADC
1
PGA Bias
0
RxPGA
PWRDWN = 1.
Default setting is
all functional
blocks powered
off excluding PLL.
0x03
7:3
Tx OFF Delay
2
Rx PWRDWN via
TXEN
1
Enable Tx PWRDWN
0
Enable Rx PWRDWN
Half-duplex power
savings.
1 With MODE = 1 and CONFIG =1, Register 0x02 default settings are with all blocks
powered off, with RXCLK providing a buffered version of the signal appearing
at OSCIN. This setting results in the lowest power consumption upon power-
up, while still allowing AD9868 to generate the system clock via a crystal.
HALF-DUPLEX POWER SAVINGS
Significant power savings can be realized in applications having
a half-duplex protocol, allowing only the Rx path or Tx path to
be operational at one time. The power-savings method depends
on whether the AD9868 is configured for a full-duplex or half-
duplex interface. Functional blocks having fast power-on/power-off
times for the Tx path and Rx path are controlled by the
following bits: TxDAC/IAMP, Tx Digital, ADC, and RxPGA
(see Table 23).
In the case of a full-duplex digital interface (MODE = 1), users
can set Register 0x01 to Register 0x60 and Register 0x02 to
Register 0x05 (or vice versa) such that the Tx path and Rx path are
never powered on simultaneously. The PWRDWN pin can then be
used to control which path is powered on, depending on the burst
type. During a Tx burst, the Rx path PGA and ADC blocks can
typically be powered down within 100 ns, while the Tx path
DAC, IAMP, and digital filter blocks are powered up within
0.5 μs. For an Rx burst, the Tx circuitry can be powered down
within 100 ns, while the Rx circuitry is powered up within 2 μs.
Setting the TXQUIET pin low allows it to be used with the full-
duplex interface to quickly power down the IAMP and disable
the interpolation filter. This is meant to maintain backward
compatibility with the AD9875/AD9876 MxFEs, except that the
TxDAC remains powered if its IOUTP outputs are used. In
most applications, the interpolation filter needs to be flushed
with 0s before or after being powered down. This ensures that
upon power-up, the TxDAC (and IAMP) have a negligible
differential dc offset, thus preventing spectral splatter due to an
impulse transient.
Applications using a half-duplex interface (MODE = 0) can benefit
from an additional power-savings feature available in Register 0x03.
This register is effective only for a half-duplex interface. In addition
to providing power savings for half-duplex applications, this
feature allows the AD9868 to be used in applications that need
only its Rx (or Tx) path functionality through pin strapping,
making a serial port interface (SPI) optional. This feature also
allows the PWRDWN pin to retain its default function as a master
power control, as defined in Table 10.
The default settings for Register 0x03 provide fast power control
of the functional blocks in the Tx signal path and Rx signal path
(outlined previously) using the TXEN pin. The TxDAC remains
powered on in this mode, while the IAMP is powered down.
Significant current savings are typically realized when the IAMP
is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com