Electronic Components Datasheet Search
  English  ▼

X  

JRC2188 Datasheet(PDF) 5 Page - New Japan Radio

Part # JRC2188
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC2188 Datasheet(HTML) 5 Page - New Japan Radio

  JRC2188 Datasheet HTML 1Page - New Japan Radio JRC2188 Datasheet HTML 2Page - New Japan Radio JRC2188 Datasheet HTML 3Page - New Japan Radio JRC2188 Datasheet HTML 4Page - New Japan Radio JRC2188 Datasheet HTML 5Page - New Japan Radio JRC2188 Datasheet HTML 6Page - New Japan Radio JRC2188 Datasheet HTML 7Page - New Japan Radio JRC2188 Datasheet HTML 8Page - New Japan Radio JRC2188 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM2386/88
- 5 -
Ver.2004-06-21
!
TYPICAL CHARACTERISTICS
4
4.5
5
5.5
6
44.5
55.5
6
Input Voltage : VIN(V)
NJM2386/88_5.0V
Output Voltage vs. Input Voltage
@:Ta=25
oC
Co=22uF
Io=0A
Io=0.5A
Io=1A
0
1
2
3
4
5
6
0
500
1000
1500
2000
2500
0
1
2
3
4
5
6
NJM2386/88_5.0V
Output Voltage vs. Output Current
@:Ta=25
oC
Co=22uF
Output Current : Io(A)
0
0.5
1
1.5
2
2.5
VIN=Vo+1
VIN=Vo+12
VIN=35V
0
5
10
15
20
25
30
00.5
11.5
NJM2386/88_5.0V
Ground Pin Current vs. Output Current
@:Ta=25
oC
VIN=6V
Co=22uF
Output Current : IO(A)
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
Output Current:Io(A)
@:Ta=25
oC
Co=22uF
NJM2386/88_5.0V
Dropout Voltage vs. Output Current
-2
-1.5
-1
-0.5
0
01
2
3
Control Voltage : V
Cont
(V)
NJM2386/88_5.0V
Control Current vs. Control Voltage
@:Ta=25
oC
VIN=6V
Co=22uF
Io=0.5A
Rc=0
Ω, 50kΩ, 100kΩ
0
1
2
3
4
5
6
00.511.5
2
Control Voltage : V
Cont
(V)
NJM2386/88_5.0V
Output Voltage vs. Control Voltage
Rc=0
Ω
Rc=50
Ω
Rc=100k
Ω
@:Ta=25
oC
VIN=6V
Co=22uF
Io=0.5A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com