Electronic Components Datasheet Search
  English  ▼

X  

JRC2188 Datasheet(PDF) 7 Page - New Japan Radio

Part # JRC2188
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC2188 Datasheet(HTML) 7 Page - New Japan Radio

  JRC2188 Datasheet HTML 1Page - New Japan Radio JRC2188 Datasheet HTML 2Page - New Japan Radio JRC2188 Datasheet HTML 3Page - New Japan Radio JRC2188 Datasheet HTML 4Page - New Japan Radio JRC2188 Datasheet HTML 5Page - New Japan Radio JRC2188 Datasheet HTML 6Page - New Japan Radio JRC2188 Datasheet HTML 7Page - New Japan Radio JRC2188 Datasheet HTML 8Page - New Japan Radio JRC2188 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2386/88
-7-
Ver.2004-06-21
!
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
10
-6
10
-5
0.0001
0.001
0.01
0.1
1
Output Current : Io(A)
@:Ta=25
oC
Co=22uF
V
IN
=6V
NJM2386/88_5.0V
Output Noise Peak Value of Spectrum vs Output Current
ESR=0.1
Ω
ESR=0.2
Ω
ESR=100
Ω
ESR=0.5
Ω
ESR=1
Ω
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
0
50
100
150
NJM2386/88_5.0V
Dropout Voltage vs. Temperature
@:Io=0.5A
Co=22uF
Temperature : Ta (
oC)
0
0.5
1
1.5
2
-50
0
50
100
150
NJM2386/88_5.0V
Control Voltage vs. Temperature
@:VIN=6V
Io=0.5A
Co=22uF
Temperature : Ta (
oC)
4.8
4.9
5
5.1
5.2
-50
0
50
100
150
NJM2386/88_5.0V
Output Voltage vs. Temperature
@:VIN=6V
Io=0.5A
Co=22uF
Temperature : Ta (
oC)
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
NJM2386/88_5.0V
Quiescent Current vs. Input Voltage
@:VIN=6V
Output is open.
Co=22uF
Temperature : Ta (
oC)
-0.1
-0.05
0
0.05
0.1
-50
0
50
100
150
NJM2386/88_5.0V
Line Regulation vs. Temperature
@:VIN=6-22V
Io=0.5A
Co=22uF
Temperature : Ta (
oC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com