Electronic Components Datasheet Search
  English  ▼

X  

JRC2188 Datasheet(PDF) 9 Page - New Japan Radio

Part # JRC2188
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC2188 Datasheet(HTML) 9 Page - New Japan Radio

  JRC2188 Datasheet HTML 1Page - New Japan Radio JRC2188 Datasheet HTML 2Page - New Japan Radio JRC2188 Datasheet HTML 3Page - New Japan Radio JRC2188 Datasheet HTML 4Page - New Japan Radio JRC2188 Datasheet HTML 5Page - New Japan Radio JRC2188 Datasheet HTML 6Page - New Japan Radio JRC2188 Datasheet HTML 7Page - New Japan Radio JRC2188 Datasheet HTML 8Page - New Japan Radio JRC2188 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJM2386/88
- 9 -
Ver.2004-06-21
!
TYPICAL CHARACTERISTICS
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
0
1
2
3
4
5
6
7
8
0
40
80
120
160
200
NJM2386/88_5.0V
Input Transient Response
Time : t [mS]
Input Voltage
Output Voltage
@:Ta=25
oC
VDD=6V
Co=22uF
Io=500mA
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
-200
-100
0
100
200
300
400
500
600
0
40
80
120
160
200
NJM2386/88_5.0V
Load Transient Response
Time : t [mS]
Output Current
Output Voltage
@:Ta=25
oC
VDD=6V
Co=22uF
Io=450mA
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com