Electronic Components Datasheet Search
  English  ▼

X  

JRC2188 Datasheet(PDF) 8 Page - New Japan Radio

Part # JRC2188
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC2188 Datasheet(HTML) 8 Page - New Japan Radio

  JRC2188 Datasheet HTML 1Page - New Japan Radio JRC2188 Datasheet HTML 2Page - New Japan Radio JRC2188 Datasheet HTML 3Page - New Japan Radio JRC2188 Datasheet HTML 4Page - New Japan Radio JRC2188 Datasheet HTML 5Page - New Japan Radio JRC2188 Datasheet HTML 6Page - New Japan Radio JRC2188 Datasheet HTML 7Page - New Japan Radio JRC2188 Datasheet HTML 8Page - New Japan Radio JRC2188 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM2386/88
- 8 -
Ver.2004-06-21
!
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
-50
0
50
100
150
NJM2386/88_5.0V
Load Regulation vs. Temperature
@:VIN=6V
Io=0-1A
Co=22uF
Temperature : Ta (
oC)
0
1.5
3
4.5
6
-50
0
50
100
150
200
NJM2386/88_5.0V
Output Voltage vs. Temperature
@:VIN=6V
Io=0.5A
Co=22uF
Temperature : Ta (
oC)
0
100
200
300
400
500
-50
0
50
100
150
NJM2386/88_5.0V
Short Circuit Current vs. Temperature
@: VIN=6V
Co=22uF
Output is short to ground.
Temperature : Ta (
oC)
-2
0
2
4
6
8
10
12
14
-30
-25
-20
-15
-10
-5
0
5
10
0
123
4
5
NJM2386/88_5.0V
ON/OFF Transient Response
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25oC
VDD=6V
Co=22uF
Io=0mA
-2
0
2
4
6
8
10
12
14
-30
-25
-20
-15
-10
-5
0
5
10
0
4
8
121620
NJM2386/88_5.0V
ON/OFF Transient Response
Time : t [mS]
Control Voltage
Output Voltage
@:Ta=25
oC
VDD=6V
Co=22uF
Io=500mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com