Electronic Components Datasheet Search
  English  ▼

X  

MB91307 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB91307
Description  32-Bit Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91307 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB91307 Datasheet HTML 4Page - fujitsu semiconductor MB91307 Datasheet HTML 5Page - fujitsu semiconductor MB91307 Datasheet HTML 6Page - fujitsu semiconductor MB91307 Datasheet HTML 7Page - fujitsu semiconductor MB91307 Datasheet HTML 8Page - fujitsu semiconductor MB91307 Datasheet HTML 9Page - fujitsu semiconductor MB91307 Datasheet HTML 10Page - fujitsu semiconductor MB91307 Datasheet HTML 11Page - fujitsu semiconductor MB91307 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MB91307 Series
8
(Continued)
Pin no.
Pin name
I/O
circuit type
Description
49
DREQ1
F
DMA external transfer request input. When selected as a DMA startup
source, this input is in use at all times, so that output from other functions
must be stopped unless used intentionally.
PB3
General purpose input/output port.
50
DACK1
F
DMA external transfer request acknowledge output. This function is valid
when the DMA transfer request acknowledge output setting is enabled.
PB4
General purpose input/output port. This function is enabled when the
DNA transfer request acknowledge output setting is disabled.
51
DEOP1
F
DMA external transfer end output. This function is valid when the DMA
external transfer end output setting is enabled.
DSTP1
DMA external transfer stop input. This function is valid when the DMA ex-
ternal transfer stop input setting is enabled.
PB5
General purpose input/output port. This function is valid when the DMA
external transfer end output selection and the DMA external transfer stop
input selection are disabled.
53
X1
A
Clock (oscillator) output
54
X0
Clock (oscillator) input
56
IOWR
F
Write strobe output for DMA fly-by transfer. This function is valid when
the DMA fly-by transfer write strobe output setting is enabled.
PB6
General purpose input/output port. This function is valid when the DMA
fly-by transfer write strobe output setting is disabled.
57
IORD
F
Read strobe output for DMA fly-by transfer. This function is valid when
the DMA fly-by transfer read strobe output setting is enabled.
PB7
General purpose input/output port. This function is valid when the DMA
fly-by transfer read strobe output setting is disabled.
58
CS0
F
Chip select output. This function is valid when the chip select 0 output
setting is enabled.
PA1
General purpose input/output port. This function is valid when the chip
select 0 output setting is disabled.
59
CS1
F
Chip select output. This function is valid when the chip select 1 output
setting is enabled.
PA1
General purpose input/output port. This function is valid when the chip
select 1 output setting is disabled.
60
CS2
F
Chip select output. This function is valid when the chip select 2 output
setting is enabled.
PA2
General purpose input/output port. This function is valid when the chip
select 2 output setting is disabled.
61
CS3
F
Chip select output. This function is valid when the chip select 3 output
setting is enabled.
PA3
General purpose input/output port. This function is valid when the chip
select 3 output setting is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com