Electronic Components Datasheet Search
  English  ▼

X  

MB91307 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91307
Description  32-Bit Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91307 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91307 Datasheet HTML 1Page - fujitsu semiconductor MB91307 Datasheet HTML 2Page - fujitsu semiconductor MB91307 Datasheet HTML 3Page - fujitsu semiconductor MB91307 Datasheet HTML 4Page - fujitsu semiconductor MB91307 Datasheet HTML 5Page - fujitsu semiconductor MB91307 Datasheet HTML 6Page - fujitsu semiconductor MB91307 Datasheet HTML 7Page - fujitsu semiconductor MB91307 Datasheet HTML 8Page - fujitsu semiconductor MB91307 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MB91307 Series
2
• Easier assembler notation: register interlock function
• Built-in multiplier/instruction level support
Signed 32-bit multiplication: 5 cycles
Signed 16-bit multiplication: 3 cycles
• Interrupt (PC, PS removal): 6 cycles, 16 priority levels
• Harvard architecture for simultaneous execution of program access and data access
• CPU hold 4-word queue allows advanced instruction fetch function
• 4G bytes expanded memory space enables linear access
• Instruction compatible with FR30/40 family
Bus Interface
• Operating frequency: Max 33 MHz
• 8- or 16-bit data output
• Built-in pre-fetch buffer
• Unused data/address pins can be used as general-0purpose input/output ports
• Fully independent 8-area chip select outputs, can be set in minimum 64K bytes units
• Interface support for many memory types
SRAM, ROM/Flash
Page mode flash ROM, page mode ROM interface
Burst mode flash ROM (select burst length 1, 2, 4, 8)
• Basic bus cycle: 2 cycles
• Programmable by area with automatic wait cycle generation to enable wait insert
• RDY input for external wait cycles
• DMA supports fly-by transfer with independent I/O wait control
Built-in RAM
• 128K bytes (MB91307R), 64K bytes (MB91306R)
• Accepts writing of data and instruction codes, enabling use as instruction RAM
Instruction cache
• 1K bytes capacity
• 2-way set associative
• 4-words (16 bytes) per set
• Lock function enables permanent program storage
• Areas not used for instruction cache can be used for RAM
DMAC (DMA controller)
• 5-channel (3-channel external-to-external)
• 3 transfer sources (external pin, internal peripheral, software)
• Addressing mode with 32-bit full address indication (increment, decrement, fixed)
• Transfer mode (demand transfer / burst transfer / step transfer / block transfer)
• Fly-by transfer support (3 channels between external I/O and external memory)
• Transfer data size selection 8/16/32-bit
Bit search module (using REALOS)
• Searches words from MSB for first bit position of a 1/0 change
Reload timer (includes 1 channel for REALOS)
• 16-bit timer: 3 channels
• Internal clock multiplier choice of x2, x8, x32
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com