Electronic Components Datasheet Search
  English  ▼

X  

MB91307 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91307
Description  32-Bit Microcontroller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91307 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91307 Datasheet HTML 17Page - fujitsu semiconductor MB91307 Datasheet HTML 18Page - fujitsu semiconductor MB91307 Datasheet HTML 19Page - fujitsu semiconductor MB91307 Datasheet HTML 20Page - fujitsu semiconductor MB91307 Datasheet HTML 21Page - fujitsu semiconductor MB91307 Datasheet HTML 22Page - fujitsu semiconductor MB91307 Datasheet HTML 23Page - fujitsu semiconductor MB91307 Datasheet HTML 24Page - fujitsu semiconductor MB91307 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
MB91307 Series
21
❍Unique to the evaluation chip MB91V307R
• Simultaneous occurrences of a software break and a user interrupt/NMI
When a software break and a user interrupt /NMI take place at the same time, the emulator debugger can cause
the following phenomena:
• The debugger stops pointing to a location other than the programmed breakpoints.
• The halted program is not re-executed correctly.
If these phenomena occur, use a hardware break instead of the software break. If the monitor debugger has
been used, avoid setting any break at the relevant location.
• Single-stepping the RETI instruction
If an interrupt occurs frequently during single stepping, execute only the relevant processing routine repeatedly
after single-stepping RETI. This will prevent the main routine and low-interrupt-level programs from being
executed. Do not single-step the RETI instruction for avoidance purposes. When the debugging of the relevant
interrupt routine becomes unnecessary, perform debugging with that interrupt disabled.
• Break function
• If the address of a current system stack pointer or an area that includes a stack pointer is specified as an
object address of a hardware break (including an event break), a break occurs after one instruction is executed.
The break occurs although the relevant user program does not include an actual data access instruction. To
avoid this problem, do not set the (word) access to an area that includes the address of a system stack pointer
as a target of a hardware break (including an event break).
• If an instruction that causes a wait is executed between an instruction to read a branch destination address
from memory and a branch instruction, an instruction alignment error occurs at a point where an instruction
alignment error cannot occur originally. Then, an ICE break (CPU error break) occurs, and execution of
instructions stops. Furthermore, even if an instruction break is set for the branch destination address at the
point where the above error occurs, a break might not occur.
Example: LD
@R1,R0 ; read F-bus RAM
LD
@R2,R3 ; read F-bus RAM
CALL
@R0
; An incorrect alignment error may occur or a break might not occur.
To avoid the incorrect alignment error as described above, turn off the alignment error function in debugger
function setup.
To perform the instruction break correctly, do not specify use of a hardware break, but specify use of a software
break in debugger function setup.
• Trace mode
If the trace mode for debugging is set to full trace mode, which uses internal FIFO memory as the output buffer,
the current may increase or DMA access to the D-bus may be lost.
This is occurred if:
• A DMA transfer to the D-bus or standby mode occurs in full trace mode.
Use internal trace mode to avoid this notes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com