Electronic Components Datasheet Search
  English  ▼

X  

SM7347 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM7347
Description  6 CHANNELS VOLUME CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7347 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button SM7347 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 11Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DIGITAL BLOCK TIMING REGULATION
Page 7
CLOCK, DATA, LATCH TIMING
SM7347
SAMHOP Microelectronics Corp.
6 CHANNELS VOLUME CONTROLLER
tf
CLOCK
DATA
LATCH
tcr
75%
25%
tf
75%
25%
tWHL
tSD
tHD
tWHC
tf
tr
tWLC
tr
tSL
25%
75%
tr
tSC
25%
Symbol
Unit
sec
Min
Parameter
LATCH setup time
μ
Limits
tcr
tWHC
tHD
tsc
tWHL
tSD
tf
tr
tWLC
tSL
CLOCK cycle time
CLOCK pulse width("H"level)
CLOCK pulse width("L"level)
CLOCK,DATA,LATCH rise time
CLOCK,DATA,LATCH fall time
DATA setup time
DATA hold time
LATCH pulse width
CLOCK start time after LATCH
Max
Typ
8
―
―
3.2
―
―
3.2
―
―
3.2
―
―
1.6
―
―
1.6
―
0.8
2
―
3.2
―
―
―
0.8
―
―
―
―
―
MAY.2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com