Electronic Components Datasheet Search
  English  ▼

X  

SM7347 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM7347
Description  6 CHANNELS VOLUME CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7347 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM7347 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 12Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Page 8
SM7347
SAMHOP Microelectronics Corp.
6 CHANNELS VOLUME CONTROLLER
MAY.2003
SETTING CODE
(1) Port Output
Note: Do not input other data than the above.
Port 1
Port 2
Port 3
Port 4
D41
D51
D61
D71
0
1
0
1
0
1
0
1
L
H
L
H
L
H
L
H
-
-
--
-
-
-
-
-
-
-
-
DIGITAL CONTROL SPECIFICATION
( 1 )
1
OUTPUT PORT
1:High 0:Low
0
0
0
0
D01 D11 D21 D31 D41 D51 D61 D71
4
3
2
D81 D91 DA1 DB1 DC1 DD1
DF
DE
0
0
0
0
0
0
0
1
( 3 )
( 2 )
( 4 )
D02 D12 D22 D32 D42 D52 D62 D72 D82 D92 DA2 DB2 DC2 DD2
DF
DE
1
0
VOLUME Rch
VOLUME Lch
D03 D32 D23 D33 D43 D53 D63 D73 D83 D93 DA3 DB3 DC3 DD3
DF
DE
VOLUME SWch
VOLUME Cch
1
0
D04 D14 D24 D34 D44 D54 D64 D74 D84 D94 DA4 DB4 DC4 DD4
DF
DE
1
1
VOLUME SRch
VOLUME SLch
Note:When the IC is powered up, the internal setting of channel output are fixed to -
.
Four kinds of input format options are available by changing slot settings of DE and DF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com