Electronic Components Datasheet Search
  English  ▼

X  

SM7347 Datasheet(PDF) 13 Page - SamHop Microelectronics Corp.

Part # SM7347
Description  6 CHANNELS VOLUME CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7347 Datasheet(HTML) 13 Page - SamHop Microelectronics Corp.

Back Button SM7347 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 14Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 15Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SM7347
SAMHOP Microelectronics Corp.
6 CHANNELS VOLUME CONTROLLER
MCU
I/F
1
2
8
6
10
4
7
5
9
13
3
21
20
19
18
17
16
15
14
12
11
42
41
35
37
33
39
36
38
34
30
40
22
23
24
25
26
27
28
29
31
32
APPLICATION EXAMPLE
Units Resistance:Ω / Capacitance: F
Ω
22K
Ω
22K
Ω
MCU
OUT4
OUT1
OUT2
OUT3
22K
AVDD=7V
SWin
μ
3.3 F
Ω
22K
μ
3.3 F
μ
3.3 F
SRin
SLin
Cin
Rin
Lin
DVDD=5V
DGND
AGND
AVSS=-7V
SWOUT
SROUT
SLOUT
COUT
ROUT
LOUT
OUT-
PUT
PORT
volume
volume
volume
volume
volume
volume
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
μ
3.3 F
Page 13
MAY.2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com