Electronic Components Datasheet Search
  English  ▼

X  

SM7347 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM7347
Description  6 CHANNELS VOLUME CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7347 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM7347 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7347 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PIN DESCRIPTION (Pin count base on 42pin SDIP)
SM7347
SAMHOP Microelectronics Corp.
6 CHANNELS VOLUME CONTROLLER
Page 3
MAY.2003
+7V
Connect to analog GND
OUTPUT: PMOS
Transistor
open drain
DVDD(=5V)
1 to 4
Pin No.
Function
Analog positive Power supply
Port OUTPUT
GND
Circuit
OUT4
OUT3
OUT2
OUT1
AVDD
GNDS
GNDC
GNDR1
GNDL1
Symbol
1
Volume INPUT
SW in
SR in
SL in
C in
GNDL2
GNDR2
GNDLR
R in
L in
Volume OUTPUT
SW out
SR out
SL out
C out
L out
R out
AVSS2
-7V
Analog negative Power supply
AVSS1
+5V
39,40,41
INPUT:schmitt trigger type
S
Analog GND
Digital GND
Latch INPUT
Data INPUT
Clock INPUT Fowrward data
Digital Power supply
DATA
CLK
DVDD
AGND
DGND
LATCH
2
3
4
5
7
10
6
8
11
9
16
18
36
35
33
34
31
32
29
30
37
38
39
42
40
41
12
13
14
15
17
18 to 22 KΩ
(TYP)
31~36
6,8,9,11,16,18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com