Electronic Components Datasheet Search
  English  ▼

X  

AD7298 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7298
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7298 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7298 Datasheet HTML 7Page - Analog Devices AD7298 Datasheet HTML 8Page - Analog Devices AD7298 Datasheet HTML 9Page - Analog Devices AD7298 Datasheet HTML 10Page - Analog Devices AD7298 Datasheet HTML 11Page - Analog Devices AD7298 Datasheet HTML 12Page - Analog Devices AD7298 Datasheet HTML 13Page - Analog Devices AD7298 Datasheet HTML 14Page - Analog Devices AD7298 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7298
Rev. B | Page 10 of 24
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
CURRENT LOAD (mA)
VDD = VDRIVE = 3V
Figure 9. VREF vs. Reference Output Current Drive
20
25
30
35
40
45
50
55
0
20
406080
100
TIME (Seconds)
Figure 10. Response to Thermal Shock from Room Temperature
into 50°C Stirred Oil
–110
–108
–106
–104
–102
–100
–98
–96
–94
–92
–90
1k
10k
100k
1M
10M
100M
RIPPLE FREQUENCY (Hz)
VDD =3V
VDRIVE =3V
Figure 11. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
70
75
80
85
90
95
100
105
110
0
50
100 150 200 250 300 350 400 450 500 550
fNOISE (kHz)
Figure 12. Channel-to-Channel Isolation, fIN = 50 kHz
60
62
64
66
68
70
72
74
76
10
100
500
INPUT FREQUENCY (kHz)
RIN =0Ω
RIN = 200Ω
RIN = 100Ω
RIN =47Ω
RIN =47Ω
RIN =33Ω
Figure 13. SINAD vs. Analog Input Frequency for Various Source Impedances
15
20
25
30
35
40
45
50
55
60
65
70
75
0
0.5
1.0
1.5
2.0
2.5
VDD = 3V
VDRIVE = 3V
VREF (V)
Figure 14. SINAD vs. Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com