Electronic Components Datasheet Search
  English  ▼

X  

AD7298 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7298
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7298 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7298 Datasheet HTML 8Page - Analog Devices AD7298 Datasheet HTML 9Page - Analog Devices AD7298 Datasheet HTML 10Page - Analog Devices AD7298 Datasheet HTML 11Page - Analog Devices AD7298 Datasheet HTML 12Page - Analog Devices AD7298 Datasheet HTML 13Page - Analog Devices AD7298 Datasheet HTML 14Page - Analog Devices AD7298 Datasheet HTML 15Page - Analog Devices AD7298 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD7298
Rev. B | Page 11 of 24
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
TEMPERATURE (°C)
–40 –25 –10 0
10 20 25 30 35 45 60 85 105 125
10
11
12
13
14
15
16
17
18
19
0
100
200
300
400
500
600
700
800
900 1000
THROUGHPUT (kSPS)
VDD = VDRIVE = 3V
Figure 15. Temperature Accuracy at 3 V
Figure 18. Power vs. Throughput in Normal Mode with VDD = 3 V
SIGNAL FREQUENCY (kHz)
–60
–65
–70
–75
–80
–85
–90
RSOURCE = 0Ω
RSOURCE = 33Ω
RSOURCE = 100Ω
10
100
500
RSOURCE = 43Ω
RSOURCE = 200Ω
RSOURCE = 47Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
–40°C
0°C
+25°C
VDRIVE = 3V
+85°C
+105°C
+125°C
Figure 16. THD vs. Analog Input Frequency for Various Source Impedances
 
Figure 19. Full Shutdown Current vs. Supply Voltage for Various
Temperatures
0
1
2
3
4
5
6
0
200
400
600
800
1000
1200
THROUGHPUT (kSPS)
VDD CURRENT
VDRIVE CURRENT
VDD = VDRIVE = 3V
Figure 17. Average Supply Current vs. Throughput Rate
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com