Electronic Components Datasheet Search
  English  ▼

X  

AD7944BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 4Page - Analog Devices AD7944BCPZ Datasheet HTML 5Page - Analog Devices AD7944BCPZ Datasheet HTML 6Page - Analog Devices AD7944BCPZ Datasheet HTML 7Page - Analog Devices AD7944BCPZ Datasheet HTML 8Page - Analog Devices AD7944BCPZ Datasheet HTML 9Page - Analog Devices AD7944BCPZ Datasheet HTML 10Page - Analog Devices AD7944BCPZ Datasheet HTML 11Page - Analog Devices AD7944BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 2
REF
AI
Reference Output/Input Voltage.
When PDREF is low, the internal reference and buffer are enabled, producing 4.096 V on this pin.
When PDREF is high, the internal reference and buffer are disabled, allowing an externally supplied
voltage reference up to 5.0 V.
Decoupling is required with or without the internal reference and buffer. This pin is referred to the
REFGND pins and should be decoupled closely to the REFGND pins with a 10 μF capacitor.
3, 4
REFGND
AI
Reference Input Analog Ground.
5
IN−
AI
Analog Input Ground Sense. Connect this pin to the analog ground plane or to a remote ground sense.
6
IN+
AI
Analog Input. This pin is referred to IN−. The voltage range, that is, the difference between IN+ and IN−,
is 0 V to VREF.
7
PDREF
DI
Internal Reference Power-Down Input. When this pin is low, the internal reference is enabled. When
this pin is high, the internal reference is powered down and an external reference must be used.
8
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply voltage as the host interface
(1.8 V, 2.5 V, or 2.7 V).
9
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
10
DGND
P
Digital Power Ground.
11
DVDD
P
Digital Power. Nominally at 2.5 V.
12
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this clock.
13
CNV
DI
Convert Input. This input has multiple functions. On its rising edge, it initiates the conversions
and selects the interface mode of the part: chain mode or CS mode. In CS mode, the SDO pin is
enabled when CNV is low. In chain mode, the data should be read when CNV is high.
14
SDI
DI
Serial Data Input. This input has multiple functions. It selects the interface mode of the ADC as follows.
Chain mode is selected if SDI is low during the CNV rising edge. In chain mode, SDI is used as a data
input to daisy-chain the conversion results of two or more ADCs onto a single SDO line. The digital data
level on SDI is output on SDO with a delay of 14 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In CS mode, either SDI or CNV can enable
the serial output signals when low. If SDI or CNV is low when the conversion is complete, the busy
indicator feature is enabled.
15
TURBO
DI
Conversion Mode Selection. When TURBO is high, the maximum throughput (2.5 MSPS) is achieved,
and the ADC does not power down between conversions. When TURBO is low, the maximum throughput
is lower (2.0 MSPS), and the ADC powers down between conversions.
16
AVDD
P
Input Analog Power. Nominally at 2.5 V.
17, 18
AGND
P
Analog Power Ground.
PIN 1
INDICATOR
REF
REF
REFGND
REFGND
IN–
CNV
SDI
TURBO
SCK
DVDD
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS, IT
IS RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SYSTEM
GROUND PLANE.
14
13
12
1
3
4
15
11
2
5
AD7944
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com