Electronic Components Datasheet Search
  English  ▼

X  

AD7944BCPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 11Page - Analog Devices AD7944BCPZ Datasheet HTML 12Page - Analog Devices AD7944BCPZ Datasheet HTML 13Page - Analog Devices AD7944BCPZ Datasheet HTML 14Page - Analog Devices AD7944BCPZ Datasheet HTML 15Page - Analog Devices AD7944BCPZ Datasheet HTML 16Page - Analog Devices AD7944BCPZ Datasheet HTML 17Page - Analog Devices AD7944BCPZ Datasheet HTML 18Page - Analog Devices AD7944BCPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 14 of 28
Transfer Functions
The ideal transfer characteristic for the AD7944 is shown in
Figure 22 and Table 7.
Figure 22. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Description
Analog Input,
VREF = 4.096 V
Digital Output
Code (Hex)
FSR − 1 LSB
4.09575 V
0x3FFF1
Midscale + 1 LSB
2.04825 V
0x2001
Midscale
2.048 V
0x2000
Midscale − 1 LSB
2.04775 V
0x1FFF
−FSR + 1 LSB
250 µV
0x0001
−FSR
0 V
0x00002
1
This is also the code for an overranged analog input (VIN+ − VIN− above
VREF − REFGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below
REFGND).
TYPICAL APPLICATION DIAGRAM
Figure 23 shows an example of the recommended application
diagram for the AD7944 when multiple supplies are available.
Figure 23. Typical Application Diagram with Multiple Supplies
000 ... 000
000 ... 001
000 ... 010
ANALOG INPUT
+FSR – 1.5 LSB
+FSR – 1 LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
111 ... 101
111 ... 110
111 ... 111
NOTES
1. GND REFERS TO REFGND, AGND, AND DGND.
AD7944
GND
REF
AVDD,
DVDD
VIO
BVDD
5V
2.5V
1.8V
TO
2.7V
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE
INTERFACE:
SPI, CS,
DAISY CHAIN
(TURBO = LOW)
TURBO
10µF
IN+
IN–
1.5nF
10Ω
V–
0V TO VREF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com