Electronic Components Datasheet Search
  English  ▼

X  

AD7944BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 16Page - Analog Devices AD7944BCPZ Datasheet HTML 17Page - Analog Devices AD7944BCPZ Datasheet HTML 18Page - Analog Devices AD7944BCPZ Datasheet HTML 19Page - Analog Devices AD7944BCPZ Datasheet HTML 20Page - Analog Devices AD7944BCPZ Datasheet HTML 21Page - Analog Devices AD7944BCPZ Datasheet HTML 22Page - Analog Devices AD7944BCPZ Datasheet HTML 23Page - Analog Devices AD7944BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
AD7944
Rev. C | Page 19 of 28
CS MODE, 3-WIRE WITHOUT BUSY INDICATOR
This mode is usually used when a single AD7944 is connected
to an SPI-compatible digital host. The connection diagram is
shown in Figure 26, and the corresponding timing is given in
Figure 27.
With SDI tied to VIO, a rising edge on CNV initiates a con-
version, selects CS mode, and forces SDO to high impedance.
When a conversion is initiated, it continues until completion,
irrespective of the state of CNV. This can be useful, for example,
to bring CNV low to select other SPI devices, such as analog
multiplexers; however, CNV must be returned high before the
minimum conversion time elapses and then held high for the
maximum possible conversion time to avoid the generation of
the busy signal indicator.
When the conversion is complete, the AD7944 enters the
acquisition phase and, if the part is in normal mode (TURBO
low), powers down. When CNV goes low, the MSB is output
onto SDO. The remaining data bits are clocked by subsequent
SCK falling edges. The data is valid on both SCK edges. Although
the rising edge can be used to capture the data, a digital host
using the SCK falling edge allows a faster reading rate, provided
that it has an acceptable hold time. After the 14th SCK falling
edge or when CNV goes high (whichever occurs first), SDO
returns to high impedance.
Figure 26. CS Mode, 3-Wire Without Busy Indicator Connection Diagram (SDI High)
Figure 27. CS Mode, 3-Wire Without Busy Indicator Serial Interface Timing (SDI High)
AD7944
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
ACQUISITION (n)
ACQUISITION
(n + 1)
ACQUISITION
(n – 1)
1
2
BEGIN DATA (n – 1)
CONVERSION (n)
END DATA (n – 1)
SCK
CNV
SDO
12
13
CONVERSION (n – 1)
END DATA (n – 2)
tCONV
tDATA
0
(I/O QUIET
TIME)
(I/O QUIET
TIME)
14
12
13
14
113
12
11
2
0
1
2
SDI = 1
>
tCONV
(I/O QUIET
TIME)
tCYC
tACQ
tCNVH
tQUIET
tSCK
tDIS
tDIS
tDIS
tDIS
tEN
tEN
tDSDO
tHSDO
tDATA
tCONV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com