Electronic Components Datasheet Search
  English  ▼

X  

AD7944BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7944BCPZ
Description  15.5 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7944BCPZ Datasheet HTML 21Page - Analog Devices AD7944BCPZ Datasheet HTML 22Page - Analog Devices AD7944BCPZ Datasheet HTML 23Page - Analog Devices AD7944BCPZ Datasheet HTML 24Page - Analog Devices AD7944BCPZ Datasheet HTML 25Page - Analog Devices AD7944BCPZ Datasheet HTML 26Page - Analog Devices AD7944BCPZ Datasheet HTML 27Page - Analog Devices AD7944BCPZ Datasheet HTML 28Page - Analog Devices AD7944BCPZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7944
Data Sheet
Rev. C | Page 26 of 28
Figure 38. Example Layout of the AD7944 (Top Layer)
Figure 39. Example Layout of the AD7944 (Bottom Layer)
5
4
PADDLE
3
1
2
6
BVDD
AVDD
DVDD
VIO
GND
GND
GND
GND
GND
GND
GND
REF
REF
REF
5V
EXTERNAL
REFERENCE
(ADR435 OR ADR445)
GND
CREF
BVDD
AVDD
DVDD
VIO
GND
GND
GND
GND
GND
GND
GND
REF
REF
REF
CBVDD
CAVDD
CVIO
CDVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com