Electronic Components Datasheet Search
  English  ▼

X  

R12P06S Datasheet(PDF) 2 Page - Recom International Power

Part # R12P06S
Description  1 Watt SIP7 Single Output for GaN Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P06S Datasheet(HTML) 2 Page - Recom International Power

  R12P06S Datasheet HTML 1Page - Recom International Power R12P06S Datasheet HTML 2Page - Recom International Power R12P06S Datasheet HTML 3Page - Recom International Power R12P06S Datasheet HTML 4Page - Recom International Power R12P06S Datasheet HTML 5Page - Recom International Power R12P06S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line, full load
1.2% typ. /1% of Vin
Load Regulation
10% to 100% load
nom. Vin =
5VDC, 12VDC
15VDC
24VDC
6.0% typ. / 15.0% max.
5.0% typ. / 15.0% max.
4.0% typ. / 15.0% max.
continued on next page
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Capacitor
Input Voltage Range
nom. Vin =
5VDC
12VDC
15VDC
24VDC
4.5VDC
10.8VDC
13.5VDC
21.6VDC
5.5VDC
13.2VDC
16.5VDC
26.4VDC
Minimum Load (3)
0%
Internal Operating Frequency
nom. Vin =
5VDC, 12VDC, 15VDC
24VDC
20kHz
55kHz
60kHz
Output Ripple and Noise
20MHz BW
200mVp-p
ECO-2
REV.: 0/2017
www.recom-power.com
RxxP06S
Series
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Efficiency vs. Load
100
0
20
40
60
80
0
90
100
80
70
60
50
40
30
20
10
Output Load [%]
05Vin
12Vin
15Vin
24Vin
15Vin
24Vin
Notes:
Note3: Operation below 10% load won‘t harm the converter, but specifications may not be met.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com