Electronic Components Datasheet Search
  English  ▼

X  

R12P06S Datasheet(PDF) 3 Page - Recom International Power

Part # R12P06S
Description  1 Watt SIP7 Single Output for GaN Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P06S Datasheet(HTML) 3 Page - Recom International Power

  R12P06S Datasheet HTML 1Page - Recom International Power R12P06S Datasheet HTML 2Page - Recom International Power R12P06S Datasheet HTML 3Page - Recom International Power R12P06S Datasheet HTML 4Page - Recom International Power R12P06S Datasheet HTML 5Page - Recom International Power R12P06S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
PROTECTIONS
Parameter
Type
Value
Isolation Voltage (4)
I/P to O/P
tested for 1 second
6.4kVDC
rated for 1 minute
5.2kVDC
Isolation Resistance
15G
Ω min.
Isolation Capacitance
10pF max.
Insulation Grade
basic
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RxxP06S
Series
ECO-3
REV.: 0/2017
www.recom-power.com
Notes:
Note4: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note5: An input fuse is required if the mains supply is not over-current protected. Recommended fuse: T1A slow blow type
Tolerance Envelope
R05P06S
R15P06S
R24P06S
R12P06S
Typical Load
Line
+7
+15
10
50
100
0
-5
+5
V Nom.
Output Load Current [%]
Typical Load
Line
+5
+15
10
50
100
-3
-5
+5
V Nom.
Output Load Current [%]
Typical Load
Line
+5
+15
10
50
100
-1
-5
+5
V Nom.
Output Load Current [%]
Typical Load Line
+4
+15
10
50
100
-1
-5
+5
V Nom.
Output Load Current [%]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com