Electronic Components Datasheet Search
  English  ▼

X  

R12P06S Datasheet(PDF) 6 Page - Recom International Power

Part # R12P06S
Description  1 Watt SIP7 Single Output for GaN Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P06S Datasheet(HTML) 6 Page - Recom International Power

  R12P06S Datasheet HTML 1Page - Recom International Power R12P06S Datasheet HTML 2Page - Recom International Power R12P06S Datasheet HTML 3Page - Recom International Power R12P06S Datasheet HTML 4Page - Recom International Power R12P06S Datasheet HTML 5Page - Recom International Power R12P06S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RxxP06S
Series
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
DC/DC Converter
ECO-6
REV.: 0/2017
www.recom-power.com
Typical GaN Application Circuit
INSTALLATION and APPLICATION
C1
C2
R1
R5
R2
R4
R3
+5V
0V
6V
6V
GND
GND
GND
GND
GaN
Isolation
IC2
IC1
C3
C4
PWM IN
VI
VDDI
EN
GNDI
VDD
Vo+
Vo-
GNDA
Si8271
+5V
0V
EN
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
tube
530.0 x 21.0 x 18.0 mm
Packaging Quantity
25pcs
Storage Temperature Range
-55°C to +125°C
Storage Humidity
non-condensing
95% RH max.
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com