Electronic Components Datasheet Search
  English  ▼

X  

R12P06S Datasheet(PDF) 4 Page - Recom International Power

Part # R12P06S
Description  1 Watt SIP7 Single Output for GaN Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R12P06S Datasheet(HTML) 4 Page - Recom International Power

  R12P06S Datasheet HTML 1Page - Recom International Power R12P06S Datasheet HTML 2Page - Recom International Power R12P06S Datasheet HTML 3Page - Recom International Power R12P06S Datasheet HTML 4Page - Recom International Power R12P06S Datasheet HTML 5Page - Recom International Power R12P06S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RxxP06S
Series
Specifications (measured @ ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
DC/DC Converter
ECO-4
REV.: 0/2017
www.recom-power.com
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety (LVD)
LVD1602031
EN60950-1, 2nd Edition 2006, +A2:2013
IEC60950-1, 2nd Edition 2005 + A2:2013
Audio/Video, information and communication technology equipment -
Part1: Safety requirements (CB Scheme)
pending
IEC62368-1, 2nd Edition 2014
Audio/Video, information and communication technology equipment -
Part1: Safety requirements
pending
IEC62368-1, 2nd Edition 2014
EN62368-1, 2nd Edition 2014
Audio/Video, information and communication technology equipment -
Part1: Safety requirements
pending
UL62368-1, 2nd Edition 2014
CSA CAN No. 62368-1-14, 2014
RoHs 2+
RoHS 10/10, 2011/65/EU + AM-2015/863
EMI Compliance
Condition
Standard / Criterion
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
with external components
(see filter suggestions)
EN55022, Class B
continued on next page
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating @ natural convection 0.1m/s (see graph)
-40°C to +90°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C
Thermal Impedance
0.1m/s, horizontal
30°C/W
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+90°C
2000 x 103 hours
700 x 103 hours
100 120
80
95
90
60
40
20
0
-20
-40
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com