Electronic Components Datasheet Search
  English  ▼

X  

ICS843051 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS843051
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843051 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS843051 Datasheet HTML 1Page - Integrated Circuit Systems ICS843051 Datasheet HTML 2Page - Integrated Circuit Systems ICS843051 Datasheet HTML 3Page - Integrated Circuit Systems ICS843051 Datasheet HTML 4Page - Integrated Circuit Systems ICS843051 Datasheet HTML 5Page - Integrated Circuit Systems ICS843051 Datasheet HTML 6Page - Integrated Circuit Systems ICS843051 Datasheet HTML 7Page - Integrated Circuit Systems ICS843051 Datasheet HTML 8Page - Integrated Circuit Systems ICS843051 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
843051AG
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 14, 2004
5
Integrated
Circuit
Systems, Inc.
ICS843051
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
TYPICAL PHASE NOISE AT 155.52MHZ
155.52MHz
RMS Phase Noise Jitter
12KHz to 20MHz = 0.74ps (typical)
TYPICAL PHASE NOISE AT 156.25MHZ
156.25MHz
RMS Phase Noise Jitter
1.875MHz to 20MHz = 0.43ps (typical)
OFFSET FREQUENCY (HZ)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
100
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (HZ)
100
1k
10k
100k
1M
10M
100M
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
Phase Noise Result by adding
Gb Ethernet Filter to raw data
Raw Phase Noise Data
Gb Ethernet Filter
Phase Noise Result by adding
a Filter to raw data
Raw Phase Noise Data
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com