Electronic Components Datasheet Search
  English  ▼

X  

ICS843051 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS843051
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843051 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS843051 Datasheet HTML 5Page - Integrated Circuit Systems ICS843051 Datasheet HTML 6Page - Integrated Circuit Systems ICS843051 Datasheet HTML 7Page - Integrated Circuit Systems ICS843051 Datasheet HTML 8Page - Integrated Circuit Systems ICS843051 Datasheet HTML 9Page - Integrated Circuit Systems ICS843051 Datasheet HTML 10Page - Integrated Circuit Systems ICS843051 Datasheet HTML 11Page - Integrated Circuit Systems ICS843051 Datasheet HTML 12Page - Integrated Circuit Systems ICS843051 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
843051AG
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 14, 2004
9
Integrated
Circuit
Systems, Inc.
ICS843051
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
XTAL2
R1
1K
+
-
Zo = 50 Ohm
R3
133
R4
82.5
Q
X1
19.44MHz
VCC
C2
33pF
C5
0.1u
C3
10uF
C4
0.1u
R6
82.5
R2
10
VCC
C1
27pF
VCC
18pF
XTAL1
U1
ICS843051
1
2
3
4
8
7
6
5
VCCA
VEE
XTAL2
XTAL1
VCC
Q0
nQ0
FREQ_SEL
VCC
nQ
R5
133
Zo = 50 Ohm
VCCA
LAYOUT GUIDELINE
Figure 3A shows a schematic example of the ICS843051. An
example of LVEPCL termination is shown in this schematic.
Additional LVPECL termination approaches are shown in the
LVPECL Termination Application Note. In this example, an 18 pF
parallel resonant crystal is used. The C1 = 27pF and C2 = 33pF
are recommended for frequency accuracy. The C1 and C2 val-
ues may be slightly adjusted for optimizing frequency accuracy.
FIGURE 3A. ICS843051 SCHEMATIC EXAMPLE
FIGURE 3B. ICS843051 PC BOARD LAYOUT EXAMPLE
XTAL_IN
XTAL_OUT
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of ICS843051 P.C. board layout.
The crystal X1 footprint shown in this example allows installa-
tion of either surface mount HC49S or through-hole HC49 pack-
age.The footprints of other components in this example are listed
in the
Table 6. There should be at least one decoupling capacitor
per power pin. The decoupling capacitors should be located as
close as possible to the power pins. The layout assumes that
the board has clean analog power ground plane.
TABLE 6. FOOTPRINT TABLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
5
C
,
4
C3
0
6
0
2
R3
0
6
0
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s
s
e
z
i
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com