Electronic Components Datasheet Search
  English  ▼

X  

ICS843051 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843051
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843051 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843051 Datasheet HTML 4Page - Integrated Circuit Systems ICS843051 Datasheet HTML 5Page - Integrated Circuit Systems ICS843051 Datasheet HTML 6Page - Integrated Circuit Systems ICS843051 Datasheet HTML 7Page - Integrated Circuit Systems ICS843051 Datasheet HTML 8Page - Integrated Circuit Systems ICS843051 Datasheet HTML 9Page - Integrated Circuit Systems ICS843051 Datasheet HTML 10Page - Integrated Circuit Systems ICS843051 Datasheet HTML 11Page - Integrated Circuit Systems ICS843051 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
843051AG
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 14, 2004
8
Integrated
Circuit
Systems, Inc.
ICS843051
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
APPLICATION INFORMATION
Figure 2. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
The ICS843051 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown in
Figure 2 below were determined using a 26.04167MHz, 18pF
parallel resonant crystal and were chosen to minimize the ppm
error. The optimum C1 and C2 values can be slightly adjusted
for different board layouts.
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise.The ICS843051 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, and VCCA should
be
individually
connected
to
the
power
supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
µF
.01
µF
3.3V
.01
µF
V
CC
C1
33p
X1
18pF Parallel Crystal
C2
27p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com