Electronic Components Datasheet Search
  English  ▼

X  

ICS843051 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS843051
Description  FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843051 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS843051 Datasheet HTML 1Page - Integrated Circuit Systems ICS843051 Datasheet HTML 2Page - Integrated Circuit Systems ICS843051 Datasheet HTML 3Page - Integrated Circuit Systems ICS843051 Datasheet HTML 4Page - Integrated Circuit Systems ICS843051 Datasheet HTML 5Page - Integrated Circuit Systems ICS843051 Datasheet HTML 6Page - Integrated Circuit Systems ICS843051 Datasheet HTML 7Page - Integrated Circuit Systems ICS843051 Datasheet HTML 8Page - Integrated Circuit Systems ICS843051 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
843051AG
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 14, 2004
1
Integrated
Circuit
Systems, Inc.
ICS843051
FEMTOCLOCKS™CRYSTAL-TO-
3.3V LVPECL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS843051 is a Gb Ethernet Generator and a
member of the HiPerClocksTM family of high
performance devices from ICS.The ICS843051 can
synthesize 10 Gigabit Ethernet, SONET, or Serial
ATA reference clock frequencies with the
appropriate choice of crystal and output divider.The ICS843051
has excellent phase jitter performance and is packaged in a
small 8-pin TSSOP, making it ideal for use in systems with
limited board space.
FEATURES
• 1 differential 3.3V LVPECL output
• Crystal oscillator interface designed for
18pF parallel resonant crystals
• RMS phase jitter at:
155.52MHz (12KHz - 20MHz): 0.74ps (typical)
156.25MHz (1.875MHz - 20MHz): 0.43ps (typical)
161.13MHz (1.933MHz - 20MHz): 0.43ps (typical)
• RMS phase noise at 156.25MHz
Offset
Noise Power
100Hz .................. -95 dBc/Hz
1KHz ................ -110 dBc/Hz
10KHz ................ -125 dBc/Hz
100KHz ................ -125 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Lead-Free package fully RoHS compliant
HiPerClockS™
ICS
ICS843051
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
VCCA
VEE
XTAL_OUT
XTAL_IN
1
2
3
4
VCC
Q0
nQ0
FREQ_SEL
8
7
6
5
OSC
Phase
Detector
VCO
0 ÷4 (default)
1 ÷8
÷32
(fixed)
XTAL_IN
XTAL_OUT
nQ0
Q0
FREQ_SEL
BLOCK DIAGRAM
PIN ASSIGNMENT
FREQUENCY TABLE
s
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
z
H
M
(
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
CL
E
S
_
Q
E
R
F
1
0
6
1
4
1
.
0
20
2
1
8
2
3
1
.
1
6
1
1
0
6
1
4
1
.
0
21
6
0
4
6
6
5
.
0
8
5
2
1
3
5
.
9
10
5
2
.
6
5
1
5
2
1
3
5
.
9
11
5
2
1
.
8
7
4
4
.
9
10
2
5
.
5
5
1
4
4
.
9
11
6
7
.
7
7
5
7
.
8
10
0
5
1
5
7
.
8
11
5
7


Similar Part No. - ICS843051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. F JUNE 1, 2005
ICS8430-51 ICST-ICS8430-51 Datasheet
151Kb / 16P
600MHZ, LOW JITTER LVCMOS/ LVTTL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 22, 2004
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS843051

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A NOVEMBER 29, 2004
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A OCTOBER 6, 2005
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A SEPTEMBER 12, 2005
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
REV. A JANUARY 10, 2006
ICS843021 ICST-ICS843021 Datasheet
189Kb / 13P
FEMTOCLOCKS-TM CRYSTAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. C MARCH 31, 2005
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS843241I-04 IDT-ICS843241I-04 Datasheet
283Kb / 14P
FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
843031-01 IDT-843031-01 Datasheet
343Kb / 16P
FemtoClocks Crystal-to-3.3V, 2.5V LVPECL Clock Generator
NV021 IDT-NV021 Datasheet
164Kb / 14P
Femtoclocks Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
NV021 RENESAS-NV021 Datasheet
354Kb / 15P
Femtoclocks™ Crystal-to-3.3V LVPECL Clock Generator
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com