Electronic Components Datasheet Search
  English  ▼

X  

PT6935 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6935
Description  11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6935 Datasheet(HTML) 5 Page - Texas Instruments

  PT6935 Datasheet HTML 1Page - Texas Instruments PT6935 Datasheet HTML 2Page - Texas Instruments PT6935 Datasheet HTML 3Page - Texas Instruments PT6935 Datasheet HTML 4Page - Texas Instruments PT6935 Datasheet HTML 5Page - Texas Instruments PT6935 Datasheet HTML 6Page - Texas Instruments PT6935 Datasheet HTML 7Page - Texas Instruments PT6935 Datasheet HTML 8Page - Texas Instruments PT6935 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT6937
11 Amp 5V/3.3V-Input Dual Output
Integrated Switching Regulator
PT6937 Typical Characteristics
Efficiency vs Io1 (See Note A)
Vo1 Output Ripple vs Io1 (See Note A)
Power Dissipation vs Io1 (See Note A)
Safe Operating Area, Vin =5V (See Note B)
50
55
60
65
70
75
80
85
012345678
Io1 (A) [ Io2 fixed at Io2(typ) ]
5.0V
VIN
0
10
20
30
40
50
60
70
0123
45678
Io1 (A) [ Io2 fixed at Io2(typ) ]
5.0V
VIN
20
30
40
50
60
70
80
90
012345678
Io1 (A) [ Io2 fixed at Io2(typ) ]
200LFM
120LFM
60LFM
Nat conv
Airflow
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
PT6937 Performance Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, C1 =330µF, C2 =330µF, Io1 =Io1typ, and Io2 =Io2typ)
PT6937 (3.3V/1.8V)
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io1
Ta =25°C, natural convection
Vo1 (3.3V)
0.1 (i)
8
(ii)
10 (iii)
A
Io2
Vo2 (1.8V)
0
2
(ii)
2.25 (iii)
Io1
Ta =60°C, 200LFM airflow
Vo1 (3.3V)
0.1 (i)
8
(ii)
10 (iii)
A
Io2
Vo2 (1.8V)
0
2
(ii)
2.25 (iii)
Input Voltage Range
Vin
OverIoRange
4.5
—
5.5
VDC
Set Point Voltage Tolerance
Vo tol
Vo1
—
±16
±50
mV
Vo2
—±9
±27
Temperature Variation
Regtemp
–40° >Ta > +85°C
—
±0.5
—
%Vo
Line Regulation
Regline
Over Vin range
Vo1
—
±5
±10
mV
Vo2
—±2±5
Load Regulation
Regload
Over Io range
Vo1
—
±5
±10
mV
Vo2
—
±5
±10
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
Vo1
—±29
—
mV
–40° >Ta > +85°C
Vo2
—±25
—
Efficiency
η
—81
—
%
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo1
—35
—
mVpp
Vo2
—35
—
TransientResponse
ttr
1A/µs load step, 50% to 100% Iotyp
—
60
—
µs
∆Vtr
Vo over/undershoot
Vo1
—
±60
—
mV
Vo2
—
±60
—
Notes:
(i)
Io1(min) current of 0.1A can be divided between both outputs, Vo1 or Vo2. The module will operate at no load with reduced specifications.
(ii)
The typical current is that which can be drawn simultaneously from both outputs under the stated operating conditions.
(iii) The sum of Io1 and Io2 must be less than Io1max, and Io2 must be less than Io2max.
0
2
4
6
8
10
0123
45678
Io1 (A) [ Io2 fixed at Io2(typ) ]
5.0V
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com