Electronic Components Datasheet Search
  English  ▼

X  

PT6935 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6935
Description  11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6935 Datasheet(HTML) 1 Page - Texas Instruments

  PT6935 Datasheet HTML 1Page - Texas Instruments PT6935 Datasheet HTML 2Page - Texas Instruments PT6935 Datasheet HTML 3Page - Texas Instruments PT6935 Datasheet HTML 4Page - Texas Instruments PT6935 Datasheet HTML 5Page - Texas Instruments PT6935 Datasheet HTML 6Page - Texas Instruments PT6935 Datasheet HTML 7Page - Texas Instruments PT6935 Datasheet HTML 8Page - Texas Instruments PT6935 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
• Dual Outputs
(See Ordering Information)
• 5V/3.3V Input
• Outputs Adjustable
• Remote Sensing (Vo1 & Vo2)
• Standby Function
• Soft-Start
Description
The PT6935 Excalibur™ series of
power modules are dual output integrated
switching regulators (ISRs) designed to
power the latest mixed signal ICs. The
dual output provides power for both the
digital I/O logic and a DSP core from a
single module. Both output voltages are
internally sequenced during power-up
and power-down to comply with the
requirements of the latest DSP chips. Each
output is independently adjustable or can be
set to at least one alternative bus voltage
with a simple pin-strap. The modules are
made available in a space-saving solder-
able case. Features include an output
current limit and short-circuit protec-
tion.
• Internal Sequencing
• Short Circuit Protection
• 23-pin Space-Saving Package
• Solderable Copper Case
• Ideal Power Source for DSPs
C1 = Req’d 330µF * electrolytic
C2 = Req’d 330µF * electrolytic
C3 = Optional 100µF electrolytic
* 300µF for Oscon® or low
ESR tantalum -see notes
PT6935
C
2
+
GND
V
IN
GND
4,5,6
7-11
12-15
18-21
16
C
1
22
C
3
+
23
1
Vo
2 Sense
Vo
1 Sense
3
STBY
Vo
1
Vo
2
PT6935 Series
11-A 5V/3.3V-Input Dual Output
Integrated Switching Regulator
SLTS091B
Revised (9/30/2001)
Ordering Information
PT6935
o = +2.5/1.8 Volts
PT6936
o = +3.3/2.5 Volts
PT6937
o = +3.3/1.8 Volts
PT6938
o = +3.3/1.2 Volts
PT6939
o = +2.5/1.2 Volts
Pin Function
1Vo1 Sense
2No Connect
3
STBY
4Vin
5Vin
6Vin
7GND
8GND
9GND
10
GND
11
GND
12Vo1
Pin
Function
13
Vo1
14
Vo1
15
Vo1
16
Vo1 Adjust *
17
No Connect
18
Vo2
19
Vo2
20Vo2
21Vo2
22
Vo2 Sense
23Vo2 Adjust *
*Vo1 and Vo2 can be pin-strapped to another
voltage. See application note on output
voltage adjustment.
Pin-Out Information
PT Series Suffix (PT1234x)
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(ELF)
Horizontal
A
(ELG)
SMD
C
(ELH)
(Reference the applicable package code drawing
for the dimensions and PC layout)


Similar Part No. - PT6935

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6935 TI-PT6935 Datasheet
446Kb / 14P
Internal Sequencing Short Circuit Protection 23-pin Space-Saving Package
More results

Similar Description - PT6935

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5060 TI-PT5060 Datasheet
233Kb / 4P
5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6920 TI-PT6920 Datasheet
195Kb / 5P
5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6930 TI-PT6930 Datasheet
170Kb / 5P
5V TO 3.3V/2.5V 25 WATT DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6930 TI-PT6930 Datasheet
159Kb / 7P
8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6674 TI-PT6674 Datasheet
113Kb / 5P
5V/3.3V Input 20W Boost Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
11 A 12-V Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6705 TI-PT6705 Datasheet
358Kb / 6P
13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6980 TI-PT6980 Datasheet
272Kb / 12P
10-A 12V-Input Dual Output Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
11 A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com