Electronic Components Datasheet Search
  English  ▼

X  

PT6935 Datasheet(PDF) 10 Page - Texas Instruments

Part # PT6935
Description  11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6935 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PT6935 Datasheet HTML 4Page - Texas Instruments PT6935 Datasheet HTML 5Page - Texas Instruments PT6935 Datasheet HTML 6Page - Texas Instruments PT6935 Datasheet HTML 7Page - Texas Instruments PT6935 Datasheet HTML 8Page - Texas Instruments PT6935 Datasheet HTML 9Page - Texas Instruments PT6935 Datasheet HTML 10Page - Texas Instruments PT6935 Datasheet HTML 11Page - Texas Instruments PT6935 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
1.8
(0.0)
1.85
(1.4)k
Ω
1.9
(3.0)k
Ω
1.95
(4.9)k
Ω
2.0
(7.1)k
Ω
2.05
(9.8)k
Ω
2.1
(13.3)k
Ω
2.2
(23.5)k
Ω
2.3
(44.0)k
Ω
2.4
(106.0)k
Ω
2.5
(0.0)k
Ω
2.6
120.0k
Ω
(3.6)k
Ω
2.7
56.0k
Ω
(8.4)k
Ω
2.8
34.8k
Ω
(15.2)k
Ω
2.9
24.3k
Ω
(25.4)k
Ω
3.0
17.9k
Ω
(42.3)k
Ω
3.1
13.7k
Ω
(76.1)k
Ω
3.210.6k
Ω
(178.0)k
Ω
3.3
8.4k
Ω
3.4
6.6k
Ω
112.0k
3.5
5.2k
Ω
48.1k
3.6
4.1k
Ω
26.9k
R1/R3 = (Blue), R2/R4 = Black
Vo1 Bus
Series Pt #
PT6935/39
PT6936/37/38
Adj. Resistor
(R3)/R4
(R3)/R4
Vo(nom)
2.5V
3.3V
Va(req’d)
Table 1
ADJUSTMENT RANGE AND FORMULA PARAMETERS
Vo1 Bus
Vo2 Bus (2)
Series Pt #
PT6935/39
PT6936/37/38
PT6938/39
PT6935/37
PT6936
Adj. Resistor
(R3)/R4
(R3)/R4
(R1)/R2
(R1)/R2
(R1)/R2
Vo(nom)
2.5V
3.3V
1.2V
1.8V
2.5V
Va(min)
1.8V *
2.5V *
1.0V †
1.5V †
1.8V †
Va(max)
3.6V (4)
3.6V
1.5V #
2.4V
3.0
Vr
1.27V
1.27V
0.6125V
1.0V
1.0V
Rs (k
Ω
Ω
Ω
Ω
Ω)
7.5
15.4
20.0
16.9
11.5
Ref. Note 3:
* (R3) = Zero-ohm link
†(R1) = Zero-ohm link
#
(R2) = Zero-ohm link
1.0
(0.0)k
Ω
1.05
(9.2)k
Ω
1.1
(28.8)k
Ω
1.15
(87.5)k
Ω
1.2
1.25
101.5k
Ω
1.3
41.2k
Ω
1.35
20.8k
Ω
1.4
10.6k
Ω
1.45
4.5k
Ω
1.5
0.0k
Ω
(0.0)k
Ω
1.55
(5.1)k
Ω
1.6
(13.1)k
Ω
1.65
(26.4)k
Ω
1.7
(53.1)k
Ω
1.75
(133.0)k
Ω
1.8
(0.0)k
Ω
1.85
183.0k
Ω
(1.6)k
Ω
1.9
83.1k
Ω
(3.5)k
Ω
1.95
49.8k
Ω
(5.8)k
Ω
2.0
33.1k
Ω
(8.5)k
Ω
2.05
23.1k
Ω
(11.8)k
Ω
2.1
16.4k
Ω
(16.0)k
Ω
2.2
8.1k
Ω
(28.5)k
Ω
2.3
3.1k
Ω
(53.5)k
Ω
2.4
0.0k
Ω
(129.0)k
Ω
2.5
2.6
88.5k
Ω
2.7
38.5k
Ω
2.8
21.8k
Ω
2.9
13.5k
Ω
3.0
8.5k
Ω
Vo2 Bus
Series Pt #
PT6938/39
PT6935/37
PT6936
Adj. Resistor
(R1)/R2
(R1)/R2
(R1)/R2
Vo(nom)
1.2V
1.8V
2.5V
Va(req’d)
Table 2
ADJUSTMENT RESISTOR VALUES
PT6935 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com