Electronic Components Datasheet Search
  English  ▼

X  

PT6935 Datasheet(PDF) 9 Page - Texas Instruments

Part # PT6935
Description  11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6935 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT6935 Datasheet HTML 4Page - Texas Instruments PT6935 Datasheet HTML 5Page - Texas Instruments PT6935 Datasheet HTML 6Page - Texas Instruments PT6935 Datasheet HTML 7Page - Texas Instruments PT6935 Datasheet HTML 8Page - Texas Instruments PT6935 Datasheet HTML 9Page - Texas Instruments PT6935 Datasheet HTML 10Page - Texas Instruments PT6935 Datasheet HTML 11Page - Texas Instruments PT6935 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT6935
Dual Output Voltage ISRs
Each output voltage from the PT6935 series of ISRs can be
independantly adjusted higher or lower than the factory
trimmed pre-set voltage. The voltages, Vo1 and Vo2 may
each be adjusted either up or down using a single external
resistor 1. Table 1 gives the adjustment range for both Vo1
and Vo2 for each model in the series as Va(min) and Va(max).
Note that Vo2 must always be lower than Vo1 2.
Vo1 Adjust Up:
To increase the output, add a resistor R4
between pin 16 (V1 Adjust) and pins 7-11 (GND) 1.
Vo1 Adjust Down: Add a resistor (R3), between pin 16
(Vo1 Adjust) and pin 1 (Vo1 Sense) 1.
Vo2 Adjust Up:
Add a resistor R2 between pin 23
(Vo2 Adjust) and pins 7-11 (GND) 1.
Vo2 Adjust Down: Add a resistor (R1) between pin 23
(Vo2 Adjust) and pin 22 (Vo2 Sense) 1.
Refer to Figure 1 and Table 2 for both the placement and value of
the required resistor.
Notes:
1. Use only a single 1% resistor in either the (R3) or R4
location to adjust Vo1, and in the (R1) or R2 location to
adjust Vo2. Place the resistor as close to the ISR as
possible.
2.Vo2 must always be at least 0.2V lower than Vo1.
3. Both the Vo1 and Vo2 may be adjusted down to an
alternative bus voltage by making, (R3) or (R1)
respectively, a zero ohm link. Refer to the Table 1
footnotes for guidance.
Figure 1
C
1
+
C
2
+
C
3
+
R4
(R3)
(R1)
R2
L
O
A
D
L
O
A
D
Adj Down
Adjust Up
V
IN
COM
COM
Vo
2
Vo
1
PT6935
18 - 21
23
7 - 11
4,5,6
Vin
Vo
2
GND
Vo
2(adj)
Vo
1(sns)
1
16
Vo
1 (adj)
12 - 15
Vo
1
Vo
2(sns)
22
STBY
3
Adjust Vo
1
Adjust Vo
2
4. Adjusting the Vo1 output voltage of either the PT6935
(2.5V/1.8V model) or PT6939 (2.5V/1.2V) higher than
the factory pre-trimmed output voltage, may increase
the minimum input voltage specified for the part. These
models must comply with the following requirements.
PT6935/PT6939:
Vin(min) =(Va + 0.6)V or 3.1V,
whichever is greater.
5. Never connect capacitors to either the Vo1 Adjust or
Vo2 Adjust pins. Any capacitance added to these control
pins will affect the stability of the respective regulated
output.
6. Adjusting either voltage (Vo1 or Vo2) may increase the
power dissipation in the regulator, and change the
maximum current available at either output. Consult
the note on p.2 of the data sheet regarding Vo1/Vo2
loading.
The adjust up and adjust down resistor values can also be
calculated using the following formulas. Be sure to select
the correct formula parameter from Table 1 for the output
and model being adjusted.
(R1) or (R3)
=
10 (Va – Vr )
– Rs
k
Ω
Vo – Va
(R2) or (R4)
=
10 · Vr
– Rs
k
Ω
Va – Vo
Where: Vo = Original output voltage, (Vo1 or Vo2)
Va = Adjusted output voltage
Vr = The reference voltage from Table 1
Rs = The series resistance from Table 1
PT6935 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com